Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC32040IN Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC32040IN
Description  ANALOG INTERFACE CIRCUITS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040IN Datasheet(HTML) 3 Page - Texas Instruments

  TLC32040IN Datasheet HTML 1Page - Texas Instruments TLC32040IN Datasheet HTML 2Page - Texas Instruments TLC32040IN Datasheet HTML 3Page - Texas Instruments TLC32040IN Datasheet HTML 4Page - Texas Instruments TLC32040IN Datasheet HTML 5Page - Texas Instruments TLC32040IN Datasheet HTML 6Page - Texas Instruments TLC32040IN Datasheet HTML 7Page - Texas Instruments TLC32040IN Datasheet HTML 8Page - Texas Instruments TLC32040IN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
M
U
X
M
U
X
IN +
IN –
AUX IN +
AUX IN –
Internal
Voltage
Reference
(TLC32040
only)
Serial
Port
A/D
OUT +
OUT –
D/A
Band-Pass Filter
Transmit Section
SHIFT CLK
MSTR CLK
EODR
DR
FSR
WORD/BYTE
DX
FSX
EODX
VCC + VCC – ANLG
GND
DTGL
GND
VDD
(DIGITAL)
REF
RESET
Low-Pass Filter
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ANLG GND
17,18
Analog ground return for all internal analog circuits. Not internally connected to DGTL GND.
AUX IN +
24
I
Noninverting auxiliary analog input state. This input can be switched into the bandpass filter and A/D
t
th i
ft
t l If th
i t bit i th
t l
i t
i
1 th
ili
i
t
converter path via software control. If the appropriate bit in the control register is a 1, the auxiliary inputs
replace the IN + and IN – inputs. If the bit is a 0, the IN + and IN – inputs are used (see the AIC DX data word
re lace the IN + and IN in uts. If the bit is a 0, the IN + and IN in uts are used (see the AIC DX data word
format section).
AUX IN –
23
I
Inverting auxiliary analog input (see the above AUX IN + description)
DGTL GND
9
Digital ground for all internal logic circuits. Not internally connected to ANLG GND.
DR
5
O
DR is used to transmit the ADC output bits from the AIC to the TMS320 serial port. This transmission of bits
from the AIC to the TMS320 serial port is synchronized with the SHIFT CLK signal.
DX
12
I
DX is used to receive the DAC input bits and timing and control information from the TMS320. This serial
transmission from the TMS320 serial port to the AIC is synchronized with the SHIFT CLK signal.
EODR
3
O
End of data receive. See the WORD/BYTE description and the Serial Port Timing diagrams. During the
word-mode timing, EODR is a low-going pulse that occurs immediately after the 16 bits of A/D information
have been transmitted from the AIC to the TMS320 serial port. EODR can be used to interrupt a
microprocessor upon completion of serial communications. Also, EODR can be used to strobe and enable
external serial-to-parallel shift registers, latches, or external FIFO RAM, and to facilitate parallel data bus
communications between the AIC and the serial-to-parallel shift registers. During the byte-mode timing,
EODR goes low after the first byte has been transmitted from the AIC to the TMS320 serial port and is kept
low until the second byte has been transmitted. The TMS32011 or TMS320C17 can use this low-going
signal to differentiate between the two bytes as to which is first and which is second. EODR does not occur
after secondary communication.


Similar Part No. - TLC32040IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC32040 TI-TLC32040 Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC32040MFK TI-TLC32040MFK Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC32040MJ TI-TLC32040MJ Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
More results

Similar Description - TLC32040IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC32044C TI-TLC32044C Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044C TI1-TLC32044C_11 Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
5962-9086302M3A TI1-5962-9086302M3A Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044MJB TI1-TLC32044MJB Datasheet
512Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
logo
Purdy Electronics Corpo...
ANDPSI056ET0S-HB-KIT PURDY-ANDPSI056ET0S-HB-KIT Datasheet
197Kb / 3P
   Analog RGB Interface
logo
Texas Instruments
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC320AD50C-I TI-TLC320AD50C-I Datasheet
271Kb / 53P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
TLC320AD50C-I TI1-TLC320AD50C-I_15 Datasheet
927Kb / 57P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
logo
NXP Semiconductors
TDA8709A PHILIPS-TDA8709A Datasheet
170Kb / 28P
   Video analog input interface
June 1994
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com