Electronic Components Datasheet Search |
|
V48B12E300BN Datasheet(PDF) 1 Page - Vicor Corporation |
|
V48B12E300BN Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 8 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 FasTrak Mini E-Grade Family Rev. 1.0 Page 1 of 8 Set your site on VICOR at www.vicorpower.com 45 Absolute Maximum Ratings Parameter Min Typ Max Unit Baseplate to sink; flat, greased surface 0.24 °C/Watt Baseplate to sink; thermal pad (P/N 20263) 0.21 °C/Watt Baseplate to ambient 10.9 °C/Watt Baseplate to ambient; 1000 LFM 2.8 °C/Watt Thermal capacity 48 Watt-sec/°C Thermal Resistance and Capacity Data Sheet FasTrak Micro E-Grade Family DC-DC Converter Module Features • Input voltages: 24, 48, 300 & 375 V • DC outputs: 3.3 V – 48 V • Programmable output: 10 to 110% • Regulation: ±0.5% no load to full load • Efficiency: Up to 88% • Max operating temp: 100°C, full load • Power Density: Up to 90 W/cubic Inch • Parallelable, with N+M fault tolerance • Low noise ZCS/ZVS architecture Product Overview These DC-DC converter modules use advanced power processing, control and packaging technologies to provide the performance, flexibility, reliability and cost effectiveness of a mature power component. High frequency ZCS/ZVS switching provide high power density with low noise and high efficiency. Applications Off-line systems with autoranging or PFC front-ends, industrial and process control, distributed power, medical, ATE, communications, defense, aerospace Part Numbering e.g. V300C12E150BL2 For a description of pin options, see page 6. Baseplate options include slotted flanges, threaded and through-hole. See page 7 for dimensions. For other package sizes and powerlevels, see the FasTrak Maxi (full size) and FasTrak Micro (quarter size) datasheets. Parameter Rating Unit Notes +In to –In voltage 24 Vin -0.5 to +36 Vdc 48 Vin -0.5 to +75 Vdc 300 Vin -0.5 to +375 Vdc 375 Vin -0.5 to +425 Vdc PC to –In voltage -0.5 to +7.0 Vdc PR to –In voltage -0.5 to +7.0 Vdc SC to –Out voltage -0.5 to +1.5 Vdc –Sense to –Out voltage 1.0 Vdc Isolation voltage (in to out) 3000 Vrms Isolation voltage (in to base) 1550 Vrms Isolation voltage (out to base) 500 Vrms Operating temperature -10 to +100 °C Storage temperature -20 to +125 °C Pin soldering temperature 500 (260) °F (°C) <5 sec; wave solder Pin soldering temperature 750 (390) °F (°C) <7 sec; hand solder Mounting torque 5 (0.57) in-lbs (N-m) 6 each, # 4-40 or M3 VC E B Input Voltage 24: 18 – 36 Vin 48: 36 – 75 Vin 300: 180 – 375 Vin 375: 250 – 425 Vin Output Voltage 3V3: 3.3V 5: 5 V 12: 12 V 15: 15 V 24: 24 V 28: 28 V 48: 48 V Pin Style Blank: Short Tin/Lead L: Long Tin/Lead S:Short Gold N: Long Gold Output Power (Watts) Input 3.3 Vout 5 Vout >5 Vout 24 V 75 100 100 48 V 75 100 150 300 V 75 100 150 375 V 75 100 150 Baseplate Blank: Slotted 1: Threaded 2: Through-hole Shown actual size: 2.28 x 1.45 x 0.5 in 57,9 x 36,8 x 12,7 mm |
Similar Part No. - V48B12E300BN |
|
Similar Description - V48B12E300BN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |