Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXZ2210N50L Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXZ2210N50L
Description  N-Channel Enhancement Mode Linear 175MHz RF MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXZ2210N50L Datasheet(HTML) 4 Page - IXYS Corporation

  IXZ2210N50L Datasheet HTML 1Page - IXYS Corporation IXZ2210N50L Datasheet HTML 2Page - IXYS Corporation IXZ2210N50L Datasheet HTML 3Page - IXYS Corporation IXZ2210N50L Datasheet HTML 4Page - IXYS Corporation IXZ2210N50L Datasheet HTML 5Page - IXYS Corporation IXZ2210N50L Datasheet HTML 6Page - IXYS Corporation IXZ2210N50L Datasheet HTML 7Page - IXYS Corporation IXZ2210N50L Datasheet HTML 8Page - IXYS Corporation IXZ2210N50L Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IXZ210N50L & IXZ2210N50L
RF Power MOSFET
S-PARMATERS for Ids = 200mA and Vds = 100V
F MHz
mag S11 ang S11
mag S12 ang S12
mag S21 ang S21
mag S22 ang S22
2.00
1.00
-61.49
0.01
72.80
64.02
152.19
0.88
-51.42
2.56
0.95
-74.73
0.01
50.41
54.88
136.18
0.78
-61.85
3.12
0.92
-85.18
0.01
36.03
46.48
125.23
0.70
-69.85
3.68
0.90
-94.18
0.02
33.42
39.80
117.56
0.64
-76.52
4.24
0.89
-101.51
0.01
24.74
34.43
111.83
0.59
-81.83
4.80
0.88
-107.76
0.02
23.38
30.24
107.62
0.56
-86.25
5.36
0.88
-113.39
0.01
18.24
26.95
104.21
0.53
-90.12
5.92
0.87
-118.05
0.02
21.02
24.14
101.58
0.50
-93.86
6.48
0.87
-122.38
0.02
20.15
21.89
99.12
0.48
-96.91
7.04
0.87
-125.89
0.01
8.21
20.03
97.24
0.47
-99.89
7.60
0.87
-129.15
0.02
11.90
18.44
95.40
0.46
-102.23
8.16
0.87
-132.06
0.02
5.83
17.06
93.95
0.45
-104.53
8.72
0.88
-134.68
0.02
9.67
15.88
92.60
0.45
-106.30
9.28
0.88
-136.96
0.02
3.87
14.88
91.37
0.44
-107.93
9.84
0.88
-139.10
0.01
11.87
13.96
90.58
0.43
-109.34
10.40
0.88
-141.24
0.01
2.91
13.13
89.43
0.43
-110.69
10.96
0.88
-142.85
0.01
5.48
12.44
88.35
0.43
-112.27
11.52
0.88
-144.45
0.01
3.66
11.77
87.69
0.43
-113.80
12.08
0.88
-145.98
0.01
-0.44
11.15
86.75
0.43
-114.55
12.64
0.88
-147.31
0.01
-1.43
10.63
85.86
0.43
-115.60
13.20
0.89
-148.50
0.01
4.33
10.16
85.17
0.43
-116.56
13.76
0.89
-149.72
0.02
7.20
9.71
84.54
0.43
-117.37
14.32
0.89
-150.84
0.01
3.37
9.29
83.87
0.43
-118.56
14.88
0.89
-151.71
0.01
6.52
8.94
83.32
0.44
-118.83
15.44
0.89
-152.76
0.01
6.34
8.58
82.74
0.44
-119.56
16.00
0.89
-152.79
0.01
4.79
8.57
82.70
0.44
-119.64
16.56
0.89
-153.60
0.01
-2.91
8.26
82.15
0.44
-120.22
17.12
0.89
-154.31
0.01
4.60
7.96
81.57
0.44
-120.79
17.68
0.89
-155.09
0.01
3.83
7.68
81.02
0.45
-121.37
18.24
0.89
-155.97
0.01
-3.23
7.43
80.50
0.45
-121.90
18.80
0.89
-156.64
0.01
2.53
7.19
79.91
0.46
-122.45
19.36
0.90
-157.26
0.01
-7.10
6.95
79.33
0.46
-123.00
19.92
0.90
-157.88
0.02
2.86
6.74
78.75
0.46
-123.39
20.48
0.90
-158.51
0.01
-2.49
6.55
78.27
0.47
-123.87
21.04
0.90
-159.06
0.01
0.66
6.36
77.80
0.47
-124.24
21.60
0.90
-159.38
0.01
1.39
6.17
77.35
0.48
-124.84
22.16
0.90
-160.04
0.01
-0.33
6.01
76.69
0.48
-125.20
22.72
0.90
-160.47
0.01
0.37
5.85
76.38
0.48
-125.64
23.28
0.90
-160.97
0.01
-1.11
5.70
75.91
0.49
-126.10
23.84
0.90
-161.44
0.01
-4.88
5.55
75.27
0.49
-126.27
24.40
0.90
-161.68
0.01
-1.29
5.41
74.80
0.50
-126.56
24.96
0.90
-162.29
0.01
-0.45
5.28
74.39
0.50
-127.29
25.52
0.90
-162.56
0.02
-2.68
5.16
73.82
0.51
-127.36
26.08
0.90
-162.98
0.01
-5.35
5.04
73.46
0.51
-127.78
26.64
0.90
-163.29
0.01
-4.70
4.92
72.84
0.52
-128.36
27.20
0.90
-163.81
0.01
-3.38
4.82
72.28
0.52
-128.52
27.76
0.91
-164.05
0.01
-7.12
4.71
71.75
0.52
-128.88
28.32
0.90
-164.26
0.01
-1.90
4.59
71.36
0.53
-129.17
28.88
0.91
-164.63
0.01
-1.98
4.51
70.81
0.53
-129.54
29.44
0.91
-164.83
0.01
-2.49
4.42
70.42
0.54
-129.83
30.00
0.91
-165.24
0.01
-3.00
4.31
69.85
0.54
-130.17


Similar Part No. - IXZ2210N50L

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXZ2210N50L IXYS-IXZ2210N50L Datasheet
326Kb / 9P
   RF Power MOSFET
IXZ2210N50L2 IXYS-IXZ2210N50L2 Datasheet
1Mb / 7P
   N-channel enhancement mode linear RF power MOSFET
More results

Similar Description - IXZ2210N50L

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXZH10N50L2A IXYS-IXZH10N50L2A Datasheet
902Kb / 7P
   N-channel enhancement mode linear RF power MOSFET
IXZ210N50L2 IXYS-IXZ210N50L2 Datasheet
885Kb / 7P
   N-channel enhancement mode linear RF power MOSFET
IXZ2210N50L2 IXYS-IXZ2210N50L2 Datasheet
1Mb / 7P
   N-channel enhancement mode linear RF power MOSFET
logo
Microsemi Corporation
ARF1501 MICROSEMI-ARF1501 Datasheet
150Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF300 MICROSEMI-ARF300_10 Datasheet
127Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF1501 ADPOW-ARF1501 Datasheet
114Kb / 2P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF442 ADPOW-ARF442 Datasheet
55Kb / 4P
   N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
ARF1500 ADPOW-ARF1500 Datasheet
114Kb / 2P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF475FL ADPOW-ARF475FL Datasheet
95Kb / 4P
   RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF444 ADPOW-ARF444 Datasheet
64Kb / 4P
   N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com