Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3843AD Datasheet(PDF) 11 Page - ON Semiconductor

Part # UC3843AD
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3843AD Datasheet(HTML) 11 Page - ON Semiconductor

Back Button UC3843AD Datasheet HTML 6Page - ON Semiconductor UC3843AD Datasheet HTML 7Page - ON Semiconductor UC3843AD Datasheet HTML 8Page - ON Semiconductor UC3843AD Datasheet HTML 9Page - ON Semiconductor UC3843AD Datasheet HTML 10Page - ON Semiconductor UC3843AD Datasheet HTML 11Page - ON Semiconductor UC3843AD Datasheet HTML 12Page - ON Semiconductor UC3843AD Datasheet HTML 13Page - ON Semiconductor UC3843AD Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
UC3842A, 43A UC2842A, 43A
11
MOTOROLA ANALOG IC DEVICE DATA
Figure 20. External Clock Synchronization
Figure 21. External Duty Cycle Clamp and
Multi Unit Synchronization
Figure 22. Adjustable Reduction of Clamp Level
Figure 23. Soft–Start Circuit
Figure 24. Adjustable Buffered Reduction of
Clamp Level with Soft–Start
Figure 25. Current Sensing Power MOSFET
Virtually lossless current sensing can be achieved with the implementation of a
SENSEFET power switch. For proper operation during over current conditions, a
reduction of the Ipk(max) clamp level must be implemented. Refer to Figures 22 and 24.
The diode clamp is required if the Sync amplitude is large enough to
cause the bottom side of CT to go more than 300 mV below ground.
External
Sync
Input
47
5(9)
R
R
Bias
Osc
Vref
RT
8(14)
4(7)
2(3)
1(1)
0.01
CT
2R
R
EA
+
+
5(9)
R
R
Bias
Osc
8(14)
4(7)
2(3)
1(1)
2R
R
EA
+
+
7
5.0k
3
8
6
5
1
C
R
S
MC1455
2
RA
+
+
4
Q
5.0k
RB
To Additional
UCX84XA’s
f =
1.44
(RA + 2RB)C
Dmax =
RB
RA + 2RB
5(9)
R
R
Bias
Osc
8(14)
4(7)
2(3)
1(1)
2R
R
EA
+
+
Q1
RS
3(5)
5(8)
1.0V
R
S
Q
Comp/Latch
5.0Vref
VClamp
Vin
VCC
7(11)
6(10)
+
+
+
+
7(12)
+
R1 R2
R2
VClamp =
1.67
+ 1
+ 0.33 x 10 – 3Ipk(max) =
VClamp
RS
Where: 0
≤ VClamp ≤ 1.0 V
R2
R1
1.0mA
R1
R1 + R2
5(9)
R
R
Bias
Osc
8(14)
4(7)
2(3)
1(1)
2R
R
EA
+
+
1.0V
R
S
Q
5.0Vref
+
+
+
C
tSoft–Start  3600C in µF
1.0M
1.0mA
5(9)
R
R
Bias
Osc
8(14)
4(7)
2(3)
1(1)
2R
R
EA
+
+
Q1
RS
3(5)
5(8)
1.0V
R
S
Q
Comp/Latch
5.0Vref
VClamp
Vin
VCC
7(11)
6(10)
+
+
+
+
7(12)
+
MPSA63
R1
R2
C
tSoftstart = – In
1 –
VC
R1 R2
C
R2
VClamp =
1.67
+ 1
Ipk(max) = VClamp
RS
Where: 0
≤ VClamp ≤ 1.0 V
1.0mA
R1
3VClamp
R1 + R2
RS
1/4 W
(5)
(8)
R
S
Q
Comp/Latch
5.0Vref
Vin
VCC
(11)
(10)
+
+
+
+
(12)
+
Power Ground
To Input Source
Return
VPin 5 =
If: SENSEFET = MTP10N10M
RS = 200
Then: Vpin 5 = 0.075 Ipk
SENSEFET
RS Ipk rDS(on)
M
G
D
S
K
Control CIrcuitry
Ground:
To Pin (9)
rDM(on) + RS


Similar Part No. - UC3843AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3843AD MOTOROLA-UC3843AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC3843AD TI-UC3843AD Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3843AD FAIRCHILD-UC3843AD Datasheet
42Kb / 8P
   SMPS Controller
logo
Microsemi Corporation
UC3843AD MICROSEMI-UC3843AD Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3843AD ONSEMI-UC3843AD Datasheet
359Kb / 18P
   High Performance Current Mode Controllers
November, 2005 ??Rev. 8
More results

Similar Description - UC3843AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com