Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3843AN Datasheet(PDF) 2 Page - ON Semiconductor

Part # UC3843AN
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3843AN Datasheet(HTML) 2 Page - ON Semiconductor

  UC3843AN Datasheet HTML 1Page - ON Semiconductor UC3843AN Datasheet HTML 2Page - ON Semiconductor UC3843AN Datasheet HTML 3Page - ON Semiconductor UC3843AN Datasheet HTML 4Page - ON Semiconductor UC3843AN Datasheet HTML 5Page - ON Semiconductor UC3843AN Datasheet HTML 6Page - ON Semiconductor UC3843AN Datasheet HTML 7Page - ON Semiconductor UC3843AN Datasheet HTML 8Page - ON Semiconductor UC3843AN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
UC3842A, 43A UC2842A, 43A
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Total Power Supply and Zener Current
(ICC + IZ)
30
mA
Output Current, Source or Sink (Note 1)
IO
1.0
A
Output Energy (Capacitive Load per Cycle)
W
5.0
µJ
Current Sense and Voltage Feedback Inputs
Vin
– 0.3 to + 5.5
V
Error Amp Output Sink Current
IO
10
mA
Power Dissipation and Thermal Characteristics
D Suffix, Plastic Package
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction–to–Air
N Suffix, Plastic Package
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction–to–Air
PD
R
θJA
PD
R
θJA
862
145
1.25
100
mW
°C/W
W
°C/W
Operating Junction Temperature
TJ
+ 150
°C
Operating Ambient Temperature
UC3842A, UC3843A
UC2842A, UC2843A
TA
0 to + 70
– 25 to + 85
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
ELECTRICAL CHARACTERISTICS (VCC = 15 V, [Note 2], RT = 10 k, CT = 3.3 nF, TA = Tlow to Thigh [Note 3],
unless otherwise noted.)
UC284XA
UC384XA
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (IO = 1.0 mA, TJ = 25°C)
Vref
4.95
5.0
5.05
4.9
5.0
5.1
V
Line Regulation (VCC = 12 V to 25 V)
Regline
2.0
20
2.0
20
mV
Load Regulation (IO = 1.0 mA to 20 mA)
Regload
3.0
25
3.0
25
mV
Temperature Stability
TS
0.2
0.2
mV/
°C
Total Output Variation over Line, Load, Temperature
Vref
4.9
5.1
4.82
5.18
V
Output Noise Voltage (f = 10 Hz to 10 kHz, TJ = 25°C)
Vn
50
50
µV
Long Term Stability (TA = 125°C for 1000 Hours)
S
5.0
5.0
mV
Output Short Circuit Current
ISC
– 30
– 85
– 180
– 30
– 85
– 180
mA
OSCILLATOR SECTION
Frequency
TJ = 25°C
TA = Tlow to Thigh
fosc
47
46
52
57
60
47
46
52
57
60
kHz
Frequency Change with Voltage (VCC = 12 V to 25 V)
∆fosc/∆V
0.2
1.0
0.2
1.0
%
Frequency Change with Temperature
TA = Tlow to Thigh
∆fosc/∆T
5.0
5.0
%
Oscillator Voltage Swing (Peak–to–Peak)
Vosc
1.6
1.6
V
Discharge Current (Vosc = 2.0 V)
TJ = 25°C
TA = Tlow to Thigh
Idischg
7.5
7.2
8.4
9.3
9.5
7.5
7.2
8.4
9.3
9.5
mA
NOTES: 1. Maximum Package power dissipation limits must be observed.
2. Adjust VCC above the Startup threshold before setting to 15 V.
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible
Tlow = –20°C for UC3842A, UC3843A
Thigh = +70°C for UC3842A, UC3843A
Tlow = –25°C for UC2842A, UC2843A
Thigh = +85°C for UC2842A, UC2843A


Similar Part No. - UC3843AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3843AN MOTOROLA-UC3843AN Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
STMicroelectronics
UC3843AN STMICROELECTRONICS-UC3843AN Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3843AN STMICROELECTRONICS-UC3843AN Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC3843AN TI-UC3843AN Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3843AN FAIRCHILD-UC3843AN Datasheet
42Kb / 8P
   SMPS Controller
More results

Similar Description - UC3843AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com