Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3986J285R-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD3986J285R-E
Description  DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3986J285R-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD3986J285R-E Datasheet HTML 4Page - STMicroelectronics LD3986J285R-E Datasheet HTML 5Page - STMicroelectronics LD3986J285R-E Datasheet HTML 6Page - STMicroelectronics LD3986J285R-E Datasheet HTML 7Page - STMicroelectronics LD3986J285R-E Datasheet HTML 8Page - STMicroelectronics LD3986J285R-E Datasheet HTML 9Page - STMicroelectronics LD3986J285R-E Datasheet HTML 10Page - STMicroelectronics LD3986J285R-E Datasheet HTML 11Page - STMicroelectronics LD3986J285R-E Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LD3986 SERIES
9/12
source used to drive the EN input must be able to
swing above and below the specified turn-on/off
voltage
thresholds
listed
in
the
Electrical
Characteristics section under Enable Input Logic
Low and Enable Input Logic High.
Proper operation of the Enable function is
guaranteed by driving EN pins with TR and TF = 10
ms.
FAST ON-TIME
The LD3986 outputs are turned on after VREF
voltage reaches its final value (1.23V nominal). To
speed up this process, the noise reduction
capacitor at the bypass pin is charged with an
internal 70µA current source. The current source
is turned off when the bandgap voltage reaches
approximately 95% of its final value. The turn on
time is determined by the time constant of the
bypass capacitor. The smaller the capacitor value,
the shorter the turn on time, but less noise gets
reduced. As a result, turn on time and noise
reduction
need
to
be
taken
into
design
consideration when choosing the value of the
bypass capacitor.


Similar Part No. - LD3986J285R-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD3980 STMICROELECTRONICS-LD3980 Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM08R STMICROELECTRONICS-LD3980PM08R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM12R STMICROELECTRONICS-LD3980PM12R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM135R STMICROELECTRONICS-LD3980PM135R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
LD3980PM13R STMICROELECTRONICS-LD3980PM13R Datasheet
243Kb / 16P
   Low drop - Low supply voltage Low ESR capacitor compatible
More results

Similar Description - LD3986J285R-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDS3985 STMICROELECTRONICS-LDS3985 Datasheet
337Kb / 13P
   ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
   Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
   ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
Unisonic Technologies
LD2985 UTC-LD2985_10 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
logo
STMicroelectronics
LD2982AXX STMICROELECTRONICS-LD2982AXX Datasheet
329Kb / 20P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
LD2982BXX18 STMICROELECTRONICS-LD2982BXX18 Datasheet
333Kb / 17P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
LD2985AXX STMICROELECTRONICS-LD2985AXX Datasheet
340Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
LD2985AXX STMICROELECTRONICS-LD2985AXX_09 Datasheet
344Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com