Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC-210-CFB-307A Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TC-210-CFB-307A
Description  TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-210-CFB-307A Datasheet(HTML) 5 Page - Vectron International, Inc

  TC-210-CFB-307A Datasheet HTML 1Page - Vectron International, Inc TC-210-CFB-307A Datasheet HTML 2Page - Vectron International, Inc TC-210-CFB-307A Datasheet HTML 3Page - Vectron International, Inc TC-210-CFB-307A Datasheet HTML 4Page - Vectron International, Inc TC-210-CFB-307A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.vectron.com
TC- 210 - X X X - X X X A -
MHz
Supply Voltage
C = 5 Vdc +/-5%
D = 3.3 Vdc +/-5%
Other Options
A = Standard, No Options (Default)
Output Frequency
0.5 to 160 MHz
Output Type
A = HCMOS / ACMOS
B = 10 TTL
F = Comp. PECL
G = 0 dBm / 50 ohm
Temperature & Stability
B-307 = ±3.0 x 10-7 over 0ºC to +50ºC
B-ST3 = Stratum 3 over 0ºC to +50ºC
C-ST3 = Stratum 3 over 0ºC to +70ºC
C-507 = ±5.0 x 10-7 over 0ºC to +70ºC
F-106 = ±1.0 x 10-6 over -40ºC to +85ºC
Note: Other stabilities are available upon request
Example:
TC-210-DAC-507A - 10 MHz
This is a 10 MHz Z5 series TCXO in our 210 package configuration, 3.3 Vdc supply,
HCMOS / ACMOS output, with a Temp stability of ±5.0 x 10-7 over 0ºC to +70ºC.
OUT
Vdd
.01µF
CL
PROBE
DUT
Standard CMOS
(A)
RL
OUT
Vdd
.01µF
DUT
50Ω
50Ω COAX
50 Ohm Sinewave
(G)
Q
Vdd
.01µF
PROBE
DUT
PECL (F)
+3 Vdc
51Ω
Q
+3 Vdc
51Ω
USA: 267 Lowell Road, Hudson, NH 03051 . . . . . . . . . . . . . . . . . . . . . .Tel: 1-88-VECTRON-1, FAX: 1-888-FAX-VECTRON
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .. .Tel: 49 (0) 3328 4784 17
Fax: 49 (0) 3328 4784
30•ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tel: +86 21 28909740 / 41 /42
Fax: +86 21 28909240 / 2890999
081902


Similar Part No. - TC-210-CFB-307A

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TC-2100-111 HIROSE-TC-2100-111 Datasheet
282Kb / 5P
   PLUG-IN CRIMP CONNECTORS
TC-2100-121 HIROSE-TC-2100-121 Datasheet
282Kb / 5P
   PLUG-IN CRIMP CONNECTORS
TC-2100-21 HIROSE-TC-2100-21 Datasheet
282Kb / 5P
   PLUG-IN CRIMP CONNECTORS
More results

Similar Description - TC-210-CFB-307A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com