Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40C7000-4000 Datasheet(PDF) 1 Page - Semikron International

Part # B40C7000-4000
Description  Silicon-Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

B40C7000-4000 Datasheet(HTML) 1 Page - Semikron International

  B40C7000-4000 Datasheet HTML 1Page - Semikron International B40C7000-4000 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inline bridge
Silicon-Bridge Rectifiers
B ...C7000-4000
Forward Current: 7 / 4 A
Reverse Voltage: 80 to 1000 V
Publish Data
Features
Mechanical Data
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
B ...C7000-4000
1
15-10-2004 SCT
© by SEMIKRON


Similar Part No. - B40C7000-4000

ManufacturerPart #DatasheetDescription
logo
Semikron International
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
182Kb / 2P
   Silicon-Bridge Rectifiers
logo
DIOTEC Electronics Corp...
B40C7000-4000 DEC-B40C7000-4000 Datasheet
144Kb / 2P
   Silicon-Bridge Rectifiers
logo
Diotec Semiconductor
B40C7000-4000A DIOTEC-B40C7000-4000A Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
B40C7000-4000A DIOTEC-B40C7000-4000A Datasheet
161Kb / 2P
   Single Phase Bridge Rectifier
logo
Semikron International
B40C7000-4000 SEMIKRON-B40C7000-4000_06 Datasheet
182Kb / 2P
   Silicon-Bridge Rectifiers
More results

Similar Description - B40C7000-4000

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com