Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5720L Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HFBR-5720L
Description  Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5720L Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HFBR-5720L Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5720L Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5720L Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5720L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5720L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5720L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5720L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5720L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5720L Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Caution should be taken for the
proper interconnection between
the supporting Physical Layer
integrated circuits and the HFBR-
5720L. Figure 4 illustrates the
recommended interface circuit.
Several MSA compliant control
data signals are implemented in
the module and are depicted in
Figure 6.
Application Support
Evaluation Kit
To help you in your preliminary
transceiver evaluation, Agilent
offers a 2.125 GBd Fibre Channel
evaluation board. This board will
allow testing of the fiber-optic
VCSEL transceiver. Please
contact your local field sales
representative for availability and
ordering details.
Reference Designs
Reference designs for the HFBR-
5720L fiber-optic transceiver and
the HDMP-2630/2631 physical
layer IC are available to assist the
equipment designer. Figure 4
depicts a typical application
configuration, while Figure 5
depicts the MSA power supply
filter circuit design. All artwork is
available at the Agilent Website.
Please contact your local field
sales engineer for more
information regarding application
tools.
Regulatory Compliance
See Table 1 for transceiver
Regulatory Compliance
performance. The overall
equipment design will determine
the certification level. The
transceiver performance is
offered as a figure of merit to
assist the designer.
Electrostatic Discharge (ESD)
There are two conditions in which
immunity to ESD damage is
important. Table 1 documents our
immunity to both of these
conditions. The first condition is
during handling of the transceiver
prior to insertion into the
transceiver port. To protect the
transceiver, it is important to use
normal ESD handling
precautions. These precautions
include using grounded wrist
straps, work benches, and floor
mats in ESD controlled areas.
The ESD sensitivity of the HFBR-
5720L is compatible with typical
industry production
environments. The second
condition is static discharges to
the exterior of the host
equipment chassis after
installation. To the extent that the
duplex LC optical interface is
exposed to the outside of the host
equipment chassis, it may be
subject to system-level ESD
requirements. The ESD
performance of the HFBR-5720L
exceeds typical industry
standards.
Immunity
Equipment hosting the HFBR-
5720L modules will be subjected
to radio-frequency electro-
magnetic fields in some
environments. These transceivers
have good immunity to such
fields due to their shielded
design.
Electromagnetic Interference (EMI)
Most equipment designs utilizing
these high-speed transceivers
from Agilent Technologies will be
required to meet the
requirements of FCC in the
United States, CENELEC
EN55022 (CISPR 22) in Europe
and VCCI in Japan.
The metal housing and shielded
design of the HFBR-5720L
minimize the EMI challenge
facing the host equipment
designer. These transceivers
provide superior EMI
performance. This greatly assists
the designer in the management
of the overall system EMI
perfornmance.
Eye Safety
These 850 nm VCSEL-based
transceivers provide Class 1 eye
safety by design. Agilent
Technologies has tested the
transceiver design for compliance
with the requirements listed in
Table 1 under normal operating
conditions and under a single
fault condition.
Flammability
The HFBR-5720L VCSEL
transceiver housing is made of
metal and high strength, heat
resistant, chemically resistant,
and UL 94V-0 flame retardant
plastic.
Caution
There are no user serviceable
parts nor any maintenance
required for the HFBR-5720L.
Tampering with or modifying the
performance of the HFBR-5720L
will result in voided product
warranty. It may also result in
improper operation of the HFBR-
5720L circuitry, and possible
overstress of the laser source.
Device degradation or product
failure may result. Connection of
the HFBR-5720L to a non-
approved optical source,
operating above the recommend-
ed absolute maximum conditions
or operating the HFBR-5720L in
a manner inconsistent with its
design and function may result in
hazardous radiation exposure and
may be considered an act of
modifying or manufacturing a
laser product. The person(s)
performing such an act is
required by law to re-certify and
re-identify the laser product
under the provisions of U.S. 21
CFR (Subchapter J) and the TUV.
Ordering Information
Please contact your local field
sales engineer or one of the


Similar Part No. - HFBR-5720L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
Broadcom Corporation.
HFBR-5710L BOARDCOM-HFBR-5710L Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
logo
Agilent(Hewlett-Packard...
HFBR-5710LP HP-HFBR-5710LP Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5764AP AVAGO-HFBR-5764AP Datasheet
266Kb / 14P
   Multimode Small Form Factor Pluggable Transceivers for 200 MBd SBCON
More results

Similar Description - HFBR-5720L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5921L AVAGO-HFBR-5921L Datasheet
301Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5921L HP-HFBR-5921L Datasheet
293Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-59L1AGEZ AVAGO-HFBR-59L1AGEZ Datasheet
258Kb / 13P
   1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5921AL HP-HFBR-5921AL Datasheet
230Kb / 14P
   Fibre Channel 2.125/1.0625 GBd 850 nm (2 x 5) Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57M5APZ AVAGO-AFBR-57M5APZ Datasheet
286Kb / 19P
   850 nm, 2.125/1.0625 and 1.25 GBd Ethernet, Low Voltage (3.3 V), RoHS Compliant, SFP (Small Form Pluggable), Digital Diagnostic Optical Transceiver
AFBR-5921ALZ AVAGO-AFBR-5921ALZ Datasheet
691Kb / 13P
   Small Form Factor, Pin Through Hole (PTH), Low Voltage (3.3 V) 2x5 RoHS-Compliant Optical Transceiver for Fibre Channel 2.125/1.0625 GBd 850 nm
logo
Infineon Technologies A...
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
logo
Agilent(Hewlett-Packard...
HFBR-59L1AL HP-HFBR-59L1AL Datasheet
328Kb / 16P
   Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Broadcom Corporation.
AFBR-57D7APZ BOARDCOM-AFBR-57D7APZ Datasheet
470Kb / 19P
   Digital Diagnostic SFP, 850 nm, 8.5/4.25/2.125 GBd Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com