Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27241 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27241
Description  Synchronous Buck Regulator Controller for Mobile Systems
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27241 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM27241 Datasheet HTML 1Page - National Semiconductor (TI) LM27241 Datasheet HTML 2Page - National Semiconductor (TI) LM27241 Datasheet HTML 3Page - National Semiconductor (TI) LM27241 Datasheet HTML 4Page - National Semiconductor (TI) LM27241 Datasheet HTML 5Page - National Semiconductor (TI) LM27241 Datasheet HTML 6Page - National Semiconductor (TI) LM27241 Datasheet HTML 7Page - National Semiconductor (TI) LM27241 Datasheet HTML 8Page - National Semiconductor (TI) LM27241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM27241
Synchronous Buck Regulator Controller for Mobile
Systems
General Description
The LM27241 is an adjustable 200kHz-500kHz single chan-
nel voltage-mode controlled high-speed synchronous buck
regulator controller. It is ideally suited for battery powered
applications such as laptop and notebook computers. The
LM27241 requires only N-channel FETs for both the upper
and lower positions of the synchronous stage. It features line
feedforward to improve the response to input transients. At
very light loads, the user can choose between the high-
efficiency Pulse-skip mode or the constant frequency
Forced-PWM mode. Lossless current limiting without the use
of external sense resistor is made possible by sensing the
voltage drop across the bottom FET. A unique adaptive duty
cycle clamping technique is incorporated to significantly re-
duce peak currents under abnormal load conditions. The
input voltage range is 5.5V to 28V while the output voltage is
adjustable down to 0.6V.
Standard supervisory and control features include soft-start,
power good, output under-voltage and over-voltage protec-
tion, under-voltage lockout, soft-shutdown and enable.
Features
n
Input voltage range from 5.5V to 28V
n
Forced-PWM or Pulse-skip modes
n
Lossless bottom-side FET current sensing
n
Adaptive duty cycle clamping
n
High current N-channel FET drivers
n
Low shutdown supply currents
n
Reference voltage accurate to within ±1.5%
n
Output voltage adjustable down to 0.6V
n
Power Good flag and Chip Enable
n
Under-voltage lockout
n
Over-voltage/Under-voltage protection
n
Soft-start and Soft-shutdown
n
Switching frequency adjustable 200kHz-500kHz
Applications
n
Notebook Chipset Power Supplies
n
Low Output Voltage High Efficiency Buck Regulators
Typical Application
See Figure 17 for Expanded View
20120104
May 2005
© 2005 National Semiconductor Corporation
DS201201
www.national.com


Similar Part No. - LM27241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
LM2724ALD NSC-LM2724ALD Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
LM2724ALDX NSC-LM2724ALDX Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
LM2724AM NSC-LM2724AM Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
LM2724AMX NSC-LM2724AMX Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
More results

Similar Description - LM27241

ManufacturerPart #DatasheetDescription
logo
Winbond
87541V WINBOND-87541V Datasheet
135Kb / 4P
   Embedded Controller for Mobile Systems
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
TPS5210 TI1-TPS5210_16 Datasheet
748Kb / 31P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
uPI Group Inc.
UP1642P UPI-UP1642P Datasheet
664Kb / 18P
   3-Phase Synchronous-Rectified Buck Controller for Mobile GPU Power
Oct. 2012
UP1665P UPI-UP1665P Datasheet
229Kb / 14P
   2-Phase Synchronous-Rectified Buck Controller for Mobile GPU Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com