Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27241MTCX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27241MTCX
Description  Synchronous Buck Regulator Controller for Mobile Systems
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27241MTCX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM27241MTCX Datasheet HTML 3Page - National Semiconductor (TI) LM27241MTCX Datasheet HTML 4Page - National Semiconductor (TI) LM27241MTCX Datasheet HTML 5Page - National Semiconductor (TI) LM27241MTCX Datasheet HTML 6Page - National Semiconductor (TI) LM27241MTCX Datasheet HTML 7Page - National Semiconductor (TI) LM27241MTCX Datasheet HTML 8Page - National Semiconductor (TI) LM27241MTCX Datasheet HTML 9Page - National Semiconductor (TI) LM27241MTCX Datasheet HTML 10Page - National Semiconductor (TI) LM27241MTCX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Electrical Characteristics (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those with boldface apply over full Operating Junction Tempera-
ture range. VDD = V5 = 5V, V
SGND =VPGND = 0V, VIN = 15V, VEN = 3V, RFADJ = 22.1K unless otherwise stated (Note 5).
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typical
(Note 7)
Max
Units
I
ILIM
ILIM Pin Current (sourcing)
V
ILIM =0V
46
62
76
µA
V
ILIM_TH
I
ILIM Threshold Voltage
-10
0
10
mV
V
SW_ZERO
Zero-cross Threshold (SW
Pin)
LDRV goes low
-2.2
mV
Oscillator
F
OSC
PWM Frequency
R
FADJ = 22.1k
255
300
345
kHz
R
FADJ = 12.4k
500
R
FADJ = 30.9k
200
V
RAMP
PWM Ramp Peak-to-peak
Amplitude
VIN = 15V
1.6
V
VIN = 24V
2.95
V
VALLEY
PWM Ramp Valley
0.8
V
∆F
OSC_VIN
Frequency Change with
VIN
VIN = 5.5V to 24V
±1%
∆F
OSC_VDD
Frequency Change with
VDD
VDD = 4.5V to 5.5V
±2%
V
FREQ_VIN
FREQ Pin Voltage vs. VIN
0.105
V/V
System
t
ON_MIN
Minimum ON Time
V
FPWM =3V
30
ns
D
MAX
Maximum Duty Cycle
VIN = 5.5V
60
75
%
VIN = 15V
40
50
%
VIN = 28V, VDD= 4.5V
22
28
%
Gate Drivers
R
HDRV_SOURCE
HDRV Source Impedance
HDRV Pin Current
(sourcing)= 1.2A
7
R
HDRV_SINK
HDRV Sink Impedance
HDRV Pin Current (sinking)
=1A
2
R
LDRV_SOURCE
LDRV Source Impedance
LDRV Pin Current (sourcing)
= 1.2A
7
R
LDRV_SINK
LDRV Sink Impedance
LDRV Pin Current (sinking)
=2A
1
t
DEAD
Cross-conduction
Protection Delay
(deadtime)
HDRV Falling to LDRV
Rising
40
ns
LDRV Falling to HDRV
Rising
70
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is guaranteed. For guaranteed performance limits and associated test conditions, see the Electrical Characteristics table.
Note 2: PGND and SGND are all electrically connected together on the PCB.
Note 3: The maximum allowable power dissipation is calculated by using PDmax =(TJMAX -TA)/θJA , where TJMAX is the maximum junction temperature, TA is the
ambient temperature, and
θJA is the junction-to-ambient thermal resistance of the specified package. The 0.75W rating of the TSSOP-20 package for example results
from using 125˚C, 25˚C, and 118˚C/W for TJMAX,TA, and θJA respectively. The rated power dissipation should be derated by 10mW/˚C above 25˚C ambient for the
TSSOP package. The
θJA value above represents the worst-case condition with no heat sinking. Heat sinking will permit more power to be dissipated at higher
ambient temperatures. For detailed information on soldering plastic TSSOP package, refer to http://www.national.com/packaging/.
Note 4: ESD is applied by the human body model, which is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Note 5: RFADJ is the frequency adjust resistor between FREQ pin and Ground.
Note 6: If the LM27241 starts up with a pre-charged soft start capacitor, it will first discharge the capacitor to VSS_RESET and then begin the normal Soft-start
process.
Note 7: Typical numbers are at 25˚C and represent the most likely norm.
www.national.com
7


Similar Part No. - LM27241MTCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
LM2724ALD NSC-LM2724ALD Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
LM2724ALDX NSC-LM2724ALDX Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
LM2724AM NSC-LM2724AM Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
LM2724AMX NSC-LM2724AMX Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
More results

Similar Description - LM27241MTCX

ManufacturerPart #DatasheetDescription
logo
Winbond
87541V WINBOND-87541V Datasheet
135Kb / 4P
   Embedded Controller for Mobile Systems
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
TPS5210 TI1-TPS5210_16 Datasheet
748Kb / 31P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
uPI Group Inc.
UP1642P UPI-UP1642P Datasheet
664Kb / 18P
   3-Phase Synchronous-Rectified Buck Controller for Mobile GPU Power
Oct. 2012
UP1665P UPI-UP1665P Datasheet
229Kb / 14P
   2-Phase Synchronous-Rectified Buck Controller for Mobile GPU Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com