Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4568UR-1 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N4568UR-1
Description  6.4 Volt Temperature Compensated Zener Reference Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4568UR-1 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N4568UR-1 Datasheet HTML 1Page - Microsemi Corporation 1N4568UR-1 Datasheet HTML 2Page - Microsemi Corporation 1N4568UR-1 Datasheet HTML 3Page - Microsemi Corporation 1N4568UR-1 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6.4 Volt Temperature Compensated Zener
Reference Diodes
SCOTTSD A L E DIVISION
1N4565 thru 1N4584A-1 DO-7
*ELECTRICAL CHARACTERISTICS @ 25oC, unless otherwise specified
MAXIMUM VOLTAGE TEMPERATURE
COEFFICIENT
JEDEC TYPE
Number
(Notes 1, 4 & 5)
ZENER TEST
CURRENT
(Note 3)
IZT
mA
αVZ +/- %/oC
+/- mV/
oC
Temp. Range
MAXIMUM
REVERSE
CURRENT
IR @ 3 V
µA
MAX. DYNAMIC
IMPEDANCE
(Note 2)
ZZT @ IZT
OHMS
1N4565
1N4565A
.5
.5
.01
.01
.64
.64
0 to +75
oC
-55 to +100
oC
2.0
2.0
200
200
1N4566
1N4566A
.5
.5
.005
.005
.32
.32
0 to +75
oC
-55 to +100
oC
2.0
2.0
200
200
1N4567
1N4567A
.5
.5
.002
.002
.13
.13
0 to +75
oC
-55 to +100
oC
2.0
2.0
200
200
1N4568
1N4568A
.5
.5
.001
.001
.06
.06
0 to +75
oC
-55 to +100
oC
2.0
2.0
200
200
1N4569
1N4569A
.5
.5
.0005
.0005
.03
.03
0 to +75
oC
-55 to +100
oC
2.0
2.0
200
200
1N4570
1N4570A
.5
.5
.01
.01
.64
.64
0 to +75
oC
-55 to +100
oC
2.0
2.0
100
100
1N4571
1N4571A
1.0
1.0
.005
.005
.32
.32
0 to +75
oC
-55 to +100
oC
2.0
2.0
100
100
1N4572
1N4572A
1.0
1.0
.002
.002
.13
.13
0 to +75
oC
-55 to +100
oC
2.0
2.0
100
100
1N4573
1N4573A
1.0
1.0
.001
.001
.06
.06
0 to +75
oC
-55 to +100
oC
2.0
2.0
100
100
1N4574
1N4574A
1.0
1.0
.0005
.0005
.03
.03
0 to +75
oC
-55 to +100
oC
2.0
2.0
100
100
1N4575
1N4575A
2.0
2.0
.01
.01
.64
.64
0 to +75
oC
-55 to +100
oC
2.0
2.0
50
50
1N4576
1N4576A
2.0
2.0
.005
.005
.32
.32
0 to +75
oC
-55 to +100
oC
2.0
2.0
50
50
1N4577
1N4577A
2.0
2.0
.002
.002
.13
.13
0 to +75
oC
-55 to +100
oC
2.0
2.0
50
50
1N4578
1N4578A
2.0
2.0
.001
.001
.06
.06
0 to +75
oC
-55 to +100
oC
2.0
2.0
50
50
1N4579
1N4579A
2.0
2.0
.0005
.0005
.03
.03
0 to +75
oC
-55 to +100
oC
2.0
2.0
50
50
1N4580
1N4580A
4.0
4.0
.01
.01
.64
.64
0 to +75
oC
-55 to +100
oC
2.0
2.0
25
25
1N4581
1N4581A
4.0
4.0
.005
.005
.32
.32
0 to +75
oC
-55 to +100
oC
2.0
2.0
25
25
1N4582
1N4582A
4.0
4.0
.002
.002
.13
.13
0 to +75
oC
-55 to +100
oC
2.0
2.0
25
25
1N4583
1N4583A
4.0
4.0
.001
.001
.06
.06
0 to +75
oC
-55 to +100
oC
2.0
2.0
25
25
1N4584
1N4584A
4.0
4.0
.0005
.0005
.03
.03
0 to +75
oC
-55 to +100
oC
2.0
2.0
25
25
*JEDEC Registered Data.
NOTES:
1.
When ordering devices with tighter tolerances than specified for the VZ voltage nominal of 6.40V, add a hyphened suffix to the
part number for desired tolerance, e.g. 1N4569A-2%, 1N4574A-1-1%, 1N4579-1-2%, 1N4584A-1-3%, etc.
2.
Zener impedance is measured by superimposing 0.75 mA ac rms on 7.5 mA dc @ 25
oC.
3.
Voltage measurements to be performed 15 seconds after application of dc test current IZT.
4.
1N4565 thru 1N4584 also have qualification to MIL-PRF-19500/452 by adding the JAN, JANTX, JANTXV, or
JANS prefixes to part numbers as well as the “-1” suffix; e.g. JANTX1N4569A-1, JANTXV1N4574A-1, etc.
5.
Designate Radiation Hardened devices with “RH” prefix instead of “1N,” i.e., RH4584A.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
10-27-2003 REV B


Similar Part No. - 1N4568UR-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4568 CDI-DIODE-1N4568 Datasheet
243Kb / 2P
   6.4 VOLT NOMINAL ZENER VOLTAGE 5%
logo
Microsemi Corporation
1N4568 MICROSEMI-1N4568 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N4568 NJSEMI-1N4568 Datasheet
135Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Digitron Semiconductors
1N4568 DIGITRON-1N4568 Datasheet
131Kb / 3P
   6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
logo
American Microsemicondu...
1N4568 AMMSEMI-1N4568 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
More results

Similar Description - 1N4568UR-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4570 AMMSEMI-1N4570 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4566A AMMSEMI-1N4566A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4570A AMMSEMI-1N4570A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4569A AMMSEMI-1N4569A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4567 AMMSEMI-1N4567 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4567A AMMSEMI-1N4567A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4568 AMMSEMI-1N4568 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4568A AMMSEMI-1N4568A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4569 AMMSEMI-1N4569 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com