Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24A54E48BS2 Datasheet(PDF) 7 Page - Vicor Corporation

Part # V24A54E48BS2
Description  FasTrak Maxi E-Grade Family DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24A54E48BS2 Datasheet(HTML) 7 Page - Vicor Corporation

  V24A54E48BS2 Datasheet HTML 1Page - Vicor Corporation V24A54E48BS2 Datasheet HTML 2Page - Vicor Corporation V24A54E48BS2 Datasheet HTML 3Page - Vicor Corporation V24A54E48BS2 Datasheet HTML 4Page - Vicor Corporation V24A54E48BS2 Datasheet HTML 5Page - Vicor Corporation V24A54E48BS2 Datasheet HTML 6Page - Vicor Corporation V24A54E48BS2 Datasheet HTML 7Page - Vicor Corporation V24A54E48BS2 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Maxi E-Grade Family
Rev. 1.1
Page 7 of 8
Set your site on VICOR at www.vicorpower.com
MECHANICAL DRAWINGS
ALL MARKINGS
THIS SURFACE
PINS STYLES
SOLDER:TIN/LEAD
HOT SOLDER DIPPED
MODUMATE: GOLD PLATED COPPER
ALUMINUM
BASEPLATE
0.195
4,95
1.400*
35,56
1.000*
25,40
0.700*
17,78
0.400*
10,16
3.844
97,64
4.200*
106,68
1.790
45,47
0.06
1,5
R
(4X)
0.178
4,52
5
6
7
8
9
12
34
±0.003
±0,08
* DENOTES
TOL =
PLATED
THRU HOLE
DIA
PCB THICKNESS
0.062
±0.010
1,57
±0,25
SHORT PIN STYLE
0.094
±0.003
2,39
±0,08
0.194
±0.003
4,93
±0,08
LONG PIN STYLE
0.094
±0.003
2,39
±0,08
0.194
±0.003
4,93
±0,08
INBOARD
SOLDER
MOUNT
0.43
10,9
ONBOARD
SOLDER
MOUNT
(7X)
(2X)
0.53
13,5
PCB MOUNTING SPECIFICATIONS
1.74
44,2
2.20
55,9
5
6
7
8
9
4
3
2
1
0.23
5,8
(REF)
0.180
4,57
0.080
2,03
1.400
35,56
1.000
25,40
0.700
17,78
0.400
10,16
DIA,(7X)
DIA,(2X)
4-40 UNC-2B
Thru (4X)***
(Style 2 and 3 only)
Slotted
or
Threaded
4-40 UNC-2B (6X)
or
Thru Hole
#30 Drill Thru (6X)
(0.1285)
0.50
12,7
0.06
1,5
2.20
55,9
(REF)
1.80
45,7
4.60
116,8
3.60
91,4
0.13
3,3
FULL R (6X)
(6X)
R
(3X)
CHAMFER
0.15
3,81
X 45
°
0.54
13,7
0.43
10,9
0.38
9,6
0.20**
5,08
0.12*
3,1
(2X)
0.01
Use a
4-40 Screw (6x)
Torque to:
5 in-lbs
0.57 N-m
Long Pin
0.62
15,7
Short Pin
(9X)
(9X)
ALUMINUM
BASEPLATE
0.50
±0.02
12,7
±0,5
* Style 1 baseplate only
** Style 2 & 3 baseplates
*** Reserved for Vicor accessories. Not for mounting
Center line
4.200
106,68
0.300
±0.015
7,62
±0,38
0.300
±0.015
7,62
±0,38
2.00
50,8
0.10
2,5
Pin CL
Pin CL
C
L
Converter Pins
No.
Function
Label
1
+In
+
2
Primary
PC
Control
3
Parallel
PR
4
–In
5
–Out
6
–Sense
–S
7
Secondary
SC
Control
8
+Sense
+S
9+Out
+
MODULE OUTLINE


Similar Part No. - V24A54E48BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A5C100A VICOR-V24A5C100A Datasheet
526Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V24A5C300B VICOR-V24A5C300B Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A5C300B2 VICOR-V24A5C300B2 Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A5C300B3 VICOR-V24A5C300B3 Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A5C300BF VICOR-V24A5C300BF Datasheet
512Kb / 15P
   DC-DC Converter Module
More results

Similar Description - V24A54E48BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5E24BL1 VICOR-V24C5E24BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com