Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-K401-E00EE Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HLMP-K401-E00EE
Description  T-1 (3 mm) Diffused LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-K401-E00EE Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HLMP-K401-E00EE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
T-1 Green/Emerald Green Diffused Lamps
Figure 13. Relative Luminous
Intensity vs. Forward Current.
Figure 12. Forward Current vs.
Forward Voltage Characteristics.
Figure 14. Relative Efficiency
(Luminous Intensity per Unit Current)
vs. Peak LED Current.
Figure 15. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDC MAX
as per MAX Ratings).
Figure 16. Relative Luminous Intensity vs. Angular Displacement.


Similar Part No. - HLMP-K401-E00EE

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-K401-EF000 AVAGO-HLMP-K401-EF000 Datasheet
229Kb / 6P
   Product Obsolescence Notification
More results

Similar Description - HLMP-K401-E00EE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com