Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1217AP133 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1217AP133
Description  Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1217AP133 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1217AP133 Datasheet HTML 2Page - ON Semiconductor NCP1217AP133 Datasheet HTML 3Page - ON Semiconductor NCP1217AP133 Datasheet HTML 4Page - ON Semiconductor NCP1217AP133 Datasheet HTML 5Page - ON Semiconductor NCP1217AP133 Datasheet HTML 6Page - ON Semiconductor NCP1217AP133 Datasheet HTML 7Page - ON Semiconductor NCP1217AP133 Datasheet HTML 8Page - ON Semiconductor NCP1217AP133 Datasheet HTML 9Page - ON Semiconductor NCP1217AP133 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP1217, NCP1217A
http://onsemi.com
6
TYPICAL CHARACTERISTICS (continued)
−50
5.80
50
5.50
0
5.30
5.90
TEMPERATURE (
°C)
5.40
5.60
5.70
150
100
Figure 7. Switching Frequency vs.
Temperature
Figure 8. VCClatch vs. Temperature
TEMPERATURE (
°C)
−50
130
50
0
50
150
70
90
110
150
100
65 kHz
100 kHz
133 kHz
TEMPERATURE (
°C)
TEMPERATURE (
°C)
−50
50
300
0
200
500
250
350
150
100
−50
25
50
10
0
0
30
TEMPERATURE (
°C)
5
15
20
150
100
−50
1.05
50
0.95
0
0.90
1.10
1.00
150
100
Figure 9. ICC3 vs. Temperature
Figure 10. Drive Source Resistance vs.
Temperature
Figure 11. Drive Sink Resistance vs.
Temperature
Figure 12. Current Sense Limit vs.
Temperature
−50
25
50
10
0
0
30
TEMPERATURE (
°C)
5
15
20
150
100
400
450


Similar Part No. - NCP1217AP133

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217AP133 ONSEMI-NCP1217AP133 Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217AP133G ONSEMI-NCP1217AP133G Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217AP133G ONSEMI-NCP1217AP133G Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217AP133G ONSEMI-NCP1217AP133G Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
More results

Similar Description - NCP1217AP133

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com