Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1535 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SA1535
Description  Silicon PNP epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA1535 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SA1535 Datasheet HTML 1Page - Panasonic Semiconductor 2SA1535 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SA1535, 2SA1535A
Silicon PNP epitaxial planar type
For low-frequency driver and high power amplification
Complementary to 2SC3944 and 2SC3944A
s Features
q
Satisfactory foward current transfer ratio hFE vs. collector cur-
rent IC characteristics
q
High transition frequency fT
q
Makes up a complementary pair with 2SC3944 and 2SC3944A,
which is optimum for the driver-stage of a 60 to 100W output
amplifier.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–150
–180
–150
–180
–5
–1.5
–1
15
2.0
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SA1535
2SA1535A
2SA1535
2SA1535A
TC=25°C
Ta=25
°C
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCEO
VEBO
hFE1*
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = –150V, IE = 0
IC = –1mA, IB = 0
IC = –100µA, IB = 0
IE = –10µA, IC = 0
VCE = –10V, IC = –150mA
VCE = –5V, IC = –500mA
IC = –500mA, IB = –50mA
IC = –500mA, IB = –50mA
VCE = –10V, IC = –50mA, f = 10MHz
VCB = –10V, IE = 0, f = 1MHz
min
–150
–180
–5
90
50
typ
160
100
– 0.5
–1.0
200
30
max
–10
220
–2.0
–2.0
50
Unit
µA
V
V
V
V
MHz
pF
2SA1535
2SA1535
2SA1535A
*h
FE1 Rank classification
Rank
Q
R
hFE1
90 to 155
130 to 220


Similar Part No. - 2SA1535

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1535 ISC-2SA1535 Datasheet
112Kb / 2P
   isc Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1535 SAVANTIC-2SA1535 Datasheet
144Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1535 JMNIC-2SA1535 Datasheet
231Kb / 4P
   Silicon PNP Power Transistors
2SA1535 JMNIC-2SA1535 Datasheet
231Kb / 4P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1535 NJSEMI-2SA1535 Datasheet
186Kb / 2P
   Silicon PNP Power Transistors
More results

Similar Description - 2SA1535

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com