Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA50-11SGWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # SA50-11SGWA
Description  127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA50-11SGWA Datasheet(HTML) 2 Page - Kingbright Corporation

  SA50-11SGWA Datasheet HTML 1Page - Kingbright Corporation SA50-11SGWA Datasheet HTML 2Page - Kingbright Corporation SA50-11SGWA Datasheet HTML 3Page - Kingbright Corporation SA50-11SGWA Datasheet HTML 4Page - Kingbright Corporation SA50-11SGWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
7-S50-2
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
Peak Wavelength
High Efficiency Red
Super Bright Green
Yellow
Super Bright Red
625
565
590
660
nm
IF=20mA
Spectral Line
Halfwidth
High Efficiency Red
Super Bright Green
Yellow
Super
Bright Red
45
30
35
20
nm
IF=20mA
Capacitance
High Efficiency Red
Super Bright Green
Yellow
Super
Bright Red
12
45
10
95
pF
VF=0V;f=1MHz
Forward Voltage
High Efficiency Red
Super Bright Green
Yellow
Super
Bright Red
2.0
2.2
2.1
1.85
2.5
2.5
2.5
2.5
V
IF=20mA
Reverse Current
All
10
uA
VR = 5V
Selection Guide
Electrical / Optical Characteristics at TA=25°C
´peak
Ü´1/2
IR
Part No.
Dice
Iv (ucd)
@ 10 mA
Description
Min.
Max.
SA50-11EWA
HIGH EFFICIENCY RED (GaAsP/GaP)
14000
21000
Common Anode, Rt. Hand Decimal
SC50-11EWA
Common Cathode, Rt. Hand Decimal
SA50-11YWA
YELLOW (GaAsP/GaP)
9000
14000
Common Anode, Rt. Hand Decimal
SC50-11YWA
Common Cathode, Rt. Hand Decimal
SA50-11SRWA
SUPER BRIGHT RED (GaAlAs)
31000
50000
Common Anode, Rt. Hand Decimal
SC50-11SRWA
Common Cathode, Rt. Hand Decimal
SA50-11SGWA
SUPER BRIGHT GREEN (GaP)
21000
31000
Common Anode, Rt. Hand Decimal
SC50-11SGWA
Common Cathode, Rt. Hand Decimal
vF
C


Similar Part No. - SA50-11SGWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA50-21EWA KINGBRIGHT-SA50-21EWA Datasheet
91Kb / 3P
   14.2 MM (0.50 INCH) SEVEN SEGMENT DISPLAY
SA50-21GWA KINGBRIGHT-SA50-21GWA Datasheet
90Kb / 3P
   14.2mm (0.50INCH) SEVEN SEGMENT DISPLAY
More results

Similar Description - SA50-11SGWA

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
   0.4 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Micro Electronics
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS144A MICRO-ELECTRONICS-MS144A Datasheet
61Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAYS
MS139A MICRO-ELECTRONICS-MS139A Datasheet
63Kb / 2P
   0.39 SINGLE DIGIT NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-3406L LITEON-LTS-3406L Datasheet
1Mb / 8P
   0.8 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
SX52 ETC-SX52 Datasheet
149Kb / 5P
   13.2MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Micro Electronics
MY131A-C MICRO-ELECTRONICS-MY131A-C Datasheet
74Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
TOS-40101 ETC1-TOS-40101 Datasheet
153Kb / 1P
   4.00 INCH SINGLE DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com