Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1487JN Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1487JN
Description  Ultra-Low Power RS-485/RS-422 Transceiver with Low EMI and /-10kV ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1487JN Datasheet(HTML) 4 Page - Analog Devices

  ADM1487JN Datasheet HTML 1Page - Analog Devices ADM1487JN Datasheet HTML 2Page - Analog Devices ADM1487JN Datasheet HTML 3Page - Analog Devices ADM1487JN Datasheet HTML 4Page - Analog Devices ADM1487JN Datasheet HTML 5Page - Analog Devices ADM1487JN Datasheet HTML 6Page - Analog Devices ADM1487JN Datasheet HTML 7Page - Analog Devices ADM1487JN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADM1487
–4–
Rev. PrC
PRELIMINARY TECHNICAL DATA
ADM1487SPECIFICATIONS(continued)
SWITCHING CHARACTERISTICS
(VCC = +5V ±5%, TA = -40°C TO +85°C, UNLESS OTHERWISE NOTED)
Parameter
Min
Typ
Max
Units Test Conditions/Comments
Driver Disable Time from High, tDHZ
150
1500
ns
Figures 5, 6, CL= l5pF, S2 Closed
Receiver Input to Output, tRPLH
30
140
250
ns
Figures.2, 4, RDIFF= 54 ,
CL1 = CL2 = 100pF
Receiver Input to Output Low, tRPHL
30
140
250
ns
Figures.2, 4, RDIFF= 54 ,
CL1 = CL2 = 100pF
DifferentialReceiverSkew, tSKD
13
ns
Figures.2, 4, RDIFF= 54 ,
|tPLH-tPHL|
CL1 = CL2 = 100pF
Receiver Enable to Output Low, tRZL
20
50
ns
Figures 7, 8, CRL = l5pF, S1 Closed
Receiver Enable to Output High, tRZH
20
50
ns
Figures 7, 8, CRL = l5pF, S2 Closed
Receiver Disable from Low, tRLZ
20
50
ns
Figures 7, 8, CRL = l5pF, S1 Closed
Receiver Disable from High, tRHZ
20
50
ns
Figures 7, 8, CRL = l5pF, S2 Closed
Maximum Data Rate, fMAX
250
kbps
Time to Shutdown, tSHDN
50
200
600
ns
DE = 0,
RE = low to high transition
Driver Enable from Shutdown to
2000
ns
Figures 5, 6, CL = 100pF, S2 Closed
Output High, tDZH(SHDN)
Driver Enable from Shutdown to
2000
ns
Figures 5, 6, CL = 100pF, S1 Closed
Output Low, tDZL(SHDN)
Receiver Enable from Shutdown to
2000
ns
Figures 7, 8, CL = l5pF, S2 Closed
Output High, tRZH(SHDN)
Receiver Enable from Shutdown to
2000
ns
Figures 7, 8, CL = l5pF, S1 Closed
Output Low, tRZL(SHDN)
NOTES
1Absolute maximum ratings are those beyond which the safety of the device cannot be guaranfeed.
2All currents into device pins are positive; all currents out ot device pins are negative. All voltages are referenced to device ground unless otherwise specified.
3All typicals are given for Vcc = 5V and Tp = 25°C.
4The ADM1487 is not tested and is not quality-assurance sampled at -40°C and at 85°C. These specifications are guaranteed by design, correlation, andlor inference from
0°C, 25°C and/or 70°C tests.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (Vcc) . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
Control Input Voltage . . . . . . . . . . . –0.5V to Vcc + 0.5V
Driver Input Voltage
. . . . . . . . . . .
–0.5V to Vcc + 0.5V
Driver Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . ±14V
Receiver InputVoltage . . . . . . . . . . . . . . . . . . . . . . . . ±14V
Receiver Output Voltage . . . . . . . . . –0.5V to Vcc + 0.5V
Operating Temperature Range . . . . . . 0°C
TA
70°C
Lead Temperature (Soldering, 10 sec)
. . . . . . . . . 300°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in the operational section of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
THERMAL CHARACTERISTICS
8-Pin Plastic DIP Package
θ
JA = tbd K/Watt, θJC = tbd K/Watt
8-Pin Plastic SO Package
θ
JA = tbd K/Watt,
θ
JC = tbd K/Watt
PIN CONFIGURATION
ORDERING INFORMATION
Model
Temperature Range
Package Option
ADM1487JN
0°C to +70°C
8 Pin Plastic DIP
ADM1487JR
0°C to +70°C
8 Pin SO
ADM1487AN
–40°C to +85°C
8 Pin Plastic DIP
ADM1487AR
–40°C to +85°C
8 Pin SO
ADM1487
TOP VIEW
(Not to Scale)
RO
RE
DE
DI
VCC
B
A
GND
1
2
3
4
8
7
6
5


Similar Part No. - ADM1487JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1487E AD-ADM1487E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM1487E AD-ADM1487E Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM1487EARZ AD-ADM1487EARZ Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM1487EARZ AD-ADM1487EARZ Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM1487EARZ-REEL7 AD-ADM1487EARZ-REEL7 Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
More results

Similar Description - ADM1487JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
   짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com