Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1734-37PXTTR Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1734-37PXTTR
Description  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1734-37PXTTR Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1734-37PXTTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1734-37PXTTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1734-37PXTTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1734-37PXTTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1734-37PXTTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1734-37PXTTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1734-37PXTTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1734-37PXTTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1734-37PXTTR Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AIC1734
TYPICAL PERFORMANCE CHARACTERISTICS
5.00
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
Fig. 1 VOUT vs. Temperature
Temperature (
°C)
-50
-30
-10
10
30
50
70
90
AIC1734-52
Fig. 2 VOUT vs. Temperature
-50
-30
-10
10
30
50
70
90
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
Temperature (
°C)
AIC1734-33
Fig. 3 Ground Current vs. Temperature
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
38
40
42
44
46
48
50
ILOAD= 0mA
ILOAD=100mA
ILOAD=300mA
Temperature (
°C)
AIC1734-52
Fig. 4 Ground Current vs. Temperature
Temperature (
°C)
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
38
40
42
44
46
48
ILOAD= 0mA
ILOAD=100mA
ILOAD=300mA
AIC1734-33
Fig. 5 Ground Current vs. VIN
VIN (V)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
10
20
30
40
50
60
AIC1734-52
Fig. 6 Ground Current vs. VIN
VIN (V)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
10
20
30
40
50
60
AIC1734-33
5


Similar Part No. - AIC1734-37PXTTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734-37XU AIC-AIC1734-37XU Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1734-37XXA AIC-AIC1734-37XXA Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1734-37XXT AIC-AIC1734-37XXT Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1734-37PXTTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com