Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1734-25PZTTR Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1734-25PZTTR
Description  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1734-25PZTTR Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1734-25PZTTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1734-25PZTTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1734-25PZTTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1734-25PZTTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1734-25PZTTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1734-25PZTTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1734-25PZTTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1734-25PZTTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1734-25PZTTR Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AIC1734
ELECTRICAL CHARACTERISTICS (TA=25°C, CIN=1µF, COUT=1µF, unless oth-
erwise specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
No Load
Output Voltage
AIC1734-52
AIC1734-50
AIC1734-38
AIC1734-37
AIC1734-35
AIC1734-33
AIC1734-30
AIC1734-27
AIC1734-25
AIC1734-20
AIC1734-18
VIN=5.5~12V
VIN=5.5~12V
VIN=4.1~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
5.100
4.900
3.725
3.625
3.430
3.235
2.940
2.646
2.450
1.960
1.764
5.200
5.000
3.800
3.700
3.500
3.300
3.000
2.700
2.500
2.000
1.800
5.300
5.100
3.875
3.775
3.570
3.365
3.060
2.754
2.550
2.040
1.836
V
Output Voltage Tem-
perature Coefficiency
(Note 1)
50
PPM/
°C
Line Regulation
IL=1mA,
1.4V
≤VOUT≤3.2V
3.3V
≤VOUT≤5.2V
VIN=4V~12V
VIN=5.5V~12V
3
3
10
10
mV
Load Regulation
(Note 2)
IL=0.1~300mA
1.4V
≤VOUT≤3.9V
4.0V
≤VOUT≤5.2V
VIN=5V
VIN=7V
7
15
20
40
mV
Current Limit
(Note 3)
VIN=7V, VOUT=0V
300
mA
Dropout Voltage
(Note 4)
IL=300mA
4.0V
≤VOUT≤5.2V
3.0V
≤VOUT≤3.9V
2.5V
≤VOUT≤2.9V
2.0V
≤VOUT≤2.4V
1.4V
≤VOUT≤1.9V
400
470
570
800
1260
mV
Ground Current
IO=0.1mA~IMAX
1.4V
≤VOUT≤3.9V
4.0V
≤VOUT≤5.2V
VIN=5~12V
VIN=7~12V
55
55
80
80
µA
Note 1:
Guaranteed by design.
Note 2:
Regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 3:
Current limit is measured by pulsing a short time.
Note 4:
Dropout voltage is defined as the input to output differential at which the output voltage drops
100mV.
Note5:
Specifications are guaranteed by Statistical Quality Controls (SQC), with no production test proved,
when operating temperature ranges from -40
°C to 85°C.
4


Similar Part No. - AIC1734-25PZTTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734-25XU AIC-AIC1734-25XU Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1734-25XXA AIC-AIC1734-25XXA Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1734-25XXT AIC-AIC1734-25XXT Datasheet
297Kb / 13P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1734-25PZTTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com