Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM6582F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DM6582F
Description  V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM6582F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM6582F Datasheet HTML 3Page - List of Unclassifed Manufacturers DM6582F Datasheet HTML 4Page - List of Unclassifed Manufacturers DM6582F Datasheet HTML 5Page - List of Unclassifed Manufacturers DM6582F Datasheet HTML 6Page - List of Unclassifed Manufacturers DM6582F Datasheet HTML 7Page - List of Unclassifed Manufacturers DM6582F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM6582F Datasheet HTML 9Page - List of Unclassifed Manufacturers DM6582F Datasheet HTML 10Page - List of Unclassifed Manufacturers DM6582F Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
DM560P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
Preliminary
7
Version: DM560P-DS-P07
August 11, 2000
DM6583 Pin Description (continued)
Pin No.
Pin Name
I/O
Description
43
T1
I
Controller Counter 1 Input
44
/RI
I
Ring Signal Input
45
/DTR
I
DTR Input Pin (P1.1)
46
/OH
O
Hook Relay Control (P1.2)
47
/VOICE
O
Voice Relay Control. Modem Control Output (memory map is bit
3 of DAA)
48-50
EEPROM 1-3
I/O
EEPROM Control Pins (P1.4-P1.6)
53
RXD
I
Controller Serial Port Data Input
54
TXD
O
Controller Serial Port Data Output
55
ALE/P
O
Controller Address Latch Enable:
Output pulse for latching the low byte of the address during
accesses to the external memory.
56
/PSEN
O
Controller Program Store Enable:
This output goes low during a fetch from external program memory.
57
/WR
O
Controller External Data Memory Write Control
58
/RD
O
Controller External Data Memory Read Control
60 - 67
CA15 - CA8
O
Controller Address Bus
69 - 76
CA7 - CA0
O
Controller Address Bus
77 - 84
D7 - D0
I/O
Controller Data Bus
86
TXRCLK
I
Transmitter Baud Rate Clock Input (Controller INT 0)
87
RXRCLK
I
Receiver Baud Rate Clock Input (Controller INT 1)
88
/POR
O
DSP Reset Output
89, 90
VOICE Se1 1
VOICE Se1 2
O
Modem Control Output (Memory map is bit 1-2 of DAA at memory
address D000H)
91 - 94
A12 - A15
I
System Address:
These signals are connected to the bus of the PC I/O. They are
used to select the DM6583 I/O ports.
95
/PNPEN
I
PnP Mode Enable:
This pin selects PnP mode. When connected to ground, the
DM6583 will enter PnP mode when it receives the PnP initiation key
sequence. When disconnected, an internal pull up will disable the
Plug and Play function.
97
/TUCS
O
TX DSP Register Select Output:
Memory address mapping of the controller is F000H.
98
PS1
O
Modem Control Port Select Output:
Memory address mapping of the controller is D800H.
99
EXT/INTB
I
Select Pin: Used to select internal or external operation.
0: internal modem
1: external modem


Similar Part No. - DM6582F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM6580 ETC1-DM6580 Datasheet
292Kb / 43P
   V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
DM6580E ETC1-DM6580E Datasheet
489Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
Davicom Semiconductor, ...
DM6580E DAVICOM-DM6580E Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
List of Unclassifed Man...
DM6580L ETC1-DM6580L Datasheet
292Kb / 43P
   V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
DM6588AF ETC1-DM6588AF Datasheet
489Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
More results

Similar Description - DM6582F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM336P ETC-DM336P Datasheet
341Kb / 40P
   V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
logo
Davicom Semiconductor, ...
DM562P DAVICOM-DM562P Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone
DM562P DAVICOM-DM562P_04 Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
List of Unclassifed Man...
DM562AP ETC1-DM562AP Datasheet
489Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
   V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
RC288ACL ETC1-RC288ACL Datasheet
5Mb / 69P
   Intergrated V.34 Data/V.17 Fax/Voice Modem Device Set Family
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
DM562P ETC1-DM562P Datasheet
292Kb / 43P
   V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com