Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XZCP12V12L5 Datasheet(PDF) 2 Page - Schneider Electric

Part # XZCP12V12L5
Description  pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 5m
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XZCP12V12L5 Datasheet(HTML) 2 Page - Schneider Electric

  XZCP12V12L5 Datasheet HTML 1Page - Schneider Electric XZCP12V12L5 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Offer Sustainability
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes


Similar Part No. - XZCP12V12L5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCP12V12L10 SCHNEIDER-XZCP12V12L10 Datasheet
112Kb / 2P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 10m
XZCP12V12L2 SCHNEIDER-XZCP12V12L2 Datasheet
77Kb / 2P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 2m
XZCP12V12L20 SCHNEIDER-XZCP12V12L20 Datasheet
77Kb / 2P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 20m
More results

Similar Description - XZCP12V12L5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCP1264L5 SCHNEIDER-XZCP1264L5 Datasheet
101Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 5m
XZCP1241L5 SCHNEIDER-XZCP1241L5 Datasheet
103Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PUR 5m
XZCP2540L5 SCHNEIDER-XZCP2540L5 Datasheet
94Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 5m
XZCP1440L5 SCHNEIDER-XZCP1440L5 Datasheet
93Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 5m
XZCP1340L5 SCHNEIDER-XZCP1340L5 Datasheet
95Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PUR 5m
XZCPA1164L5 SCHNEIDER-XZCPA1164L5 Datasheet
84Kb / 4P
   pre-wired connectors XZ - elbowed female M12 - 5 pins - cable PVC 5m
XZCPV1264L5 SCHNEIDER-XZCPV1264L5 Datasheet
91Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PVC 5m
XZCPV12V12L5 SCHNEIDER-XZCPV12V12L5 Datasheet
90Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PVC 5m
XZCPB1241L5 SCHNEIDER-XZCPB1241L5 Datasheet
92Kb / 4P
   pre-wired connectors XZ -elbowed female - M12-4 pins - shielded cable PUR 5m
XZCP1264L2 SCHNEIDER-XZCP1264L2 Datasheet
103Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PUR 2m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com