Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIP212-12M Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PIP212-12M
Description  DC-to-DC converter powertrain
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP212-12M Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PIP212-12M Datasheet HTML 5Page - NXP Semiconductors PIP212-12M Datasheet HTML 6Page - NXP Semiconductors PIP212-12M Datasheet HTML 7Page - NXP Semiconductors PIP212-12M Datasheet HTML 8Page - NXP Semiconductors PIP212-12M Datasheet HTML 9Page - NXP Semiconductors PIP212-12M Datasheet HTML 10Page - NXP Semiconductors PIP212-12M Datasheet HTML 11Page - NXP Semiconductors PIP212-12M Datasheet HTML 12Page - NXP Semiconductors PIP212-12M Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9397 750 14586
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 02 — 2 March 2005
9 of 21
Philips Semiconductors
PIP212-12M
DC-to-DC converter powertrain
VDDC = 12 V; VDDO = 12 V; VO = 1.3 V; fi = 1 MHz
VDDC = 12 V; VO = 1.3 V; fi = 1 MHz; IO(AV) = 25 A
Fig 4.
Total power dissipation as a function of average
output current; typical values
Fig 5.
Normalized power dissipation as a function of
output stage supply voltage; typical values
VDDC = 12 V; VDDO = 12 V; fi = 1 MHz; IO(AV) = 25 A
VDDC = 12 V; VDDO = 1.3 V; VO = 1.3 V; IO(AV) = 25 A
Fig 6.
Normalized power dissipation as a function of
output voltage; typical values
Fig 7.
Normalized power dissipation as a function of
input frequency; typical values
003aaa833
0
2
4
6
8
10
010
20
30
IO (A)
Ptot
(W)
003aaa834
0.9
1.0
1.1
1.2
1.3
04
8
12
16
VDDO (V)
a
a
P
tot
P
tot V
DDO
12 V
=
()
-----------------------------------------
=
003aaa835
0.8
1.0
1.2
1.4
1.6
1.8
0246
VO (V)
b
003aaa836
0.6
0.8
1.0
1.2
200
400
600
800
1000
f (kHz)
c
b
P
tot
P
tot V
O
1.3 V
=
()
------------------------------------
=
c
P
tot
P
tot f
i
1MHz
=
()
------------------------------------
=


Similar Part No. - PIP212-12M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP212-12M NXP-PIP212-12M Datasheet
148Kb / 21P
   DC-to-DC converter powertrain
Rev. 04-23 October 2006
More results

Similar Description - PIP212-12M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP201-12M-3 PHILIPS-PIP201-12M-3 Datasheet
345Kb / 20P
   DC-to-DC converter powertrain
Rev. 03-19 November 2003
PIP202-12M PHILIPS-PIP202-12M Datasheet
156Kb / 20P
   DC to DC converter powertrain
Rev. 01-15 July 2002
PIP202-12M-2 NXP-PIP202-12M-2 Datasheet
339Kb / 20P
   DC-to-DC converter powertrain
Rev. 02-24 November 2003
PIP212-12M NXP-PIP212-12M Datasheet
148Kb / 21P
   DC-to-DC converter powertrain
Rev. 04-23 October 2006
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
   DC TO DC CONVERTER
PTCPDC-12-34 TAB-PTCPDC-12-34 Datasheet
266Kb / 2P
   DC TO DC CONVERTER
XTCPDC-RK-12-34 TAB-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
   DC TO DC CONVERTER
logo
Technology Dynamics Inc...
TCPDC-5-60 TECHNOLOGY-TCPDC-5-60 Datasheet
266Kb / 2P
   DC TO DC CONVERTER
XTCPDC-RK-12-34 TECHNOLOGY-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
   DC TO DC CONVERTER
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com