Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1D09K7 Datasheet(PDF) 4 Page - Schneider Electric

Part # LC1D09K7
Description  TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 100 VAC 50/60 Hz coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D09K7 Datasheet(HTML) 4 Page - Schneider Electric

  LC1D09K7 Datasheet HTML 1Page - Schneider Electric LC1D09K7 Datasheet HTML 2Page - Schneider Electric LC1D09K7 Datasheet HTML 3Page - Schneider Electric LC1D09K7 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Width
1.77 in (45 mm)
Depth
3.39 in (86 mm)
Net Weight
0.71 lb(US) (0.32 kg)
Ordering and shipping details
Category
22354 - CTR,TESYS D,OPEN,9-38A AC
Discount Schedule
I12
GTIN
00785901676218
Nbr. of units in pkg.
1
Package weight(Lbs)
0.77 lb(US) (0.35 kg)
Returnability
No
Country of origin
FR
Packing Units
Package 1 Height
0.540 dm
Package 1 width
0.810 dm
Package 1 Length
0.940 dm
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Antimony oxide & Antimony
trioxide, which is known to the State of California to cause cancer. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Pro-active China RoHS declaration (out of China RoHS legal scope)
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
PVC free
Yes
Contractual warranty
Warranty
18 months
4


Similar Part No. - LC1D09K7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D09KUE SCHNEIDER-LC1D09KUE Datasheet
124Kb / 4P
   TeSys D Green IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 100-250 VAC/VDC coil
More results

Similar Description - LC1D09K7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D09T7 SCHNEIDER-LC1D09T7 Datasheet
112Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 480 VAC 50/60 Hz coil
LC1D09FC7 SCHNEIDER-LC1D09FC7 Datasheet
142Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 127 VAC 50/60 Hz coil
LC1D09R7 SCHNEIDER-LC1D09R7 Datasheet
143Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 440 VAC 50/60 Hz coil
LC1D09U7 SCHNEIDER-LC1D09U7 Datasheet
112Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 240 VAC 50/60 Hz coil
LC1D09FE7 SCHNEIDER-LC1D09FE7 Datasheet
143Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 115 VAC 50/60 Hz coil
LC1D09Q7 SCHNEIDER-LC1D09Q7 Datasheet
142Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 380 VAC 50/60 Hz coil
LC1D09W7 SCHNEIDER-LC1D09W7 Datasheet
142Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 277 VAC 50/60 Hz coil
LC1D09Y7 SCHNEIDER-LC1D09Y7 Datasheet
142Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 690 VAC 50/60 Hz coil
LC1D09G7 SCHNEIDER-LC1D09G7 Datasheet
168Kb / 5P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 120 VAC 50/60 Hz coil
LC1D09M7 SCHNEIDER-LC1D09M7 Datasheet
168Kb / 5P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 220 VAC 50/60 Hz coil
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com