Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

XZCP1965L5 Datasheet(HTML) 2 Page - Schneider Electric

Part No. XZCP1965L5
Description  pre-wired connectors XZ - elbowed female - 1/2"20 UNF - 3 pins - cable PUR 5m
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

XZCP1965L5 Datasheet(HTML) 2 Page - Schneider Electric

  XZCP1965L5 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
2
Package 2 Length
40 cm
Unit Type of Package 3
P06
Number of Units in Package 3
320
Package 3 Weight
59.3 kg
Package 3 Height
80 cm
Package 3 width
80 cm
Package 3 Length
60 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
Contractual warranty
Warranty
18 months


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn