Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKE91 Datasheet(PDF) 6 Page - International Rectifier

Part # IRKE91
Description  ADD-A-pak GEN V Power Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKE91 Datasheet(HTML) 6 Page - International Rectifier

  IRKE91 Datasheet HTML 1Page - International Rectifier IRKE91 Datasheet HTML 2Page - International Rectifier IRKE91 Datasheet HTML 3Page - International Rectifier IRKE91 Datasheet HTML 4Page - International Rectifier IRKE91 Datasheet HTML 5Page - International Rectifier IRKE91 Datasheet HTML 6Page - International Rectifier IRKE91 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRK.91 Series
6
Bulletin I27141 rev. F 10/02
www.irf.com
Fig. 9 - Forward Power Loss Characteristics
Fig. 8 - Forward Power Loss Characteristics
Fig. 7 - Forward Power Loss Characteristics
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
0.3
K/W
0.5
K/W
1 K/W
3 K/W
1.5 K/W
0.7
K/W
0
20
40
60
80
100
120
140
160
180
0
20
40
60
80 100 120 140 160
Total RMS Output Current (A)
180°
(Sine)
DC
IRK.91.. Series
Per Junction
T = 150°C
J
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
3 K/W
1.5 K/W
1 K/W
0.7 K/
W
0.5 K
/W
0.3
K/W
R
= 0
.2
K/W
- D
elta
R
0.4
K/W
0
100
200
300
400
500
0
40
80
120
160
200
Total Output Current (A)
180°
(Sine)
180°
(Rect)
2 x IRK.91.. Series
Single Phase Bridge
Connected
T = 150°C
J
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
0.5 K/W
0.7 K/W
1 K/W
3 K/W
0.3 K
/W
0.2
K/W
R
=
0.1
K/W
- D
elta
R
thS
A
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
300
Total Output Current (A)
120°
(Rect)
3 x IRK.91.. Series
Three Phase Bridge
Connected
T = 150°C
J


Similar Part No. - IRKE91

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKE91/04A IRF-IRKE91/04A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKE91/06A IRF-IRKE91/06A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKE91/08A IRF-IRKE91/08A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKE91/10A IRF-IRKE91/10A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKE91/12A IRF-IRKE91/12A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
More results

Similar Description - IRKE91

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKC91 IRF-IRKC91 Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKE56 IRF-IRKE56 Datasheet
173Kb / 9P
   ADD-A-pak GEN V Power Modules
IRK71 IRF-IRK71 Datasheet
244Kb / 10P
   ADD-A-pak GEN V Power Modules
IRK-71 IRF-IRK-71 Datasheet
238Kb / 10P
   ADD - A - pak-TM GEN V Power Modules
IRK2.6 IRF-IRK2.6 Datasheet
155Kb / 8P
   ADD-A-pak-TM GEN V Power Modules
IRKV105 IRF-IRKV105 Datasheet
117Kb / 8P
   ADD-A-pak GEN V Power Modules THYRISTOR/ THYRISTOR
IRKT.71 IRF-IRKT.71 Datasheet
237Kb / 10P
   ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU41 IRF-IRKU41 Datasheet
178Kb / 9P
   ADD-A-pakTM GEN V Power Modules
IRK.26 IRF-IRK.26 Datasheet
150Kb / 8P
   ADD-A-pakTM GEN V Power Modules
IRKU105 IRF-IRKU105 Datasheet
121Kb / 8P
   ADD-A-pakTM GEN V Power Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com