Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKJ91 Datasheet(PDF) 2 Page - International Rectifier

Part # IRKJ91
Description  ADD-A-pak GEN V Power Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKJ91 Datasheet(HTML) 2 Page - International Rectifier

  IRKJ91 Datasheet HTML 1Page - International Rectifier IRKJ91 Datasheet HTML 2Page - International Rectifier IRKJ91 Datasheet HTML 3Page - International Rectifier IRKJ91 Datasheet HTML 4Page - International Rectifier IRKJ91 Datasheet HTML 5Page - International Rectifier IRKJ91 Datasheet HTML 6Page - International Rectifier IRKJ91 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRK.91 Series
2
Bulletin I27141 rev. F 10/02
www.irf.com
I
F(AV)
Max. average forward current
100
A
180° conduction, half sine wave
@ Case temperature
100
°C
I
F(AV)
Max. average forward current
90
A
180° conduction, half sine wave
@ Case temperature
107
°C
I
F(RMS)
Max. RMS forward current
157
A
DC @ 90°C case temperarure
I
FSM
Max. peak, one-cycle forward,
2020
t = 10ms
No voltage
non-repetitive surge current
2110
t = 8.3ms
reapplied
1700
t = 10ms
100% V
RRM
1780
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
20.43
t = 10ms
No voltage
Initial T
J
= T
J
max.
18.65
t = 8.3ms
reapplied
14.45
t = 10ms
100% V
RRM
13.19
t = 8.3ms
reapplied
I2
√t
Maximum I2Öt for fusing
204.3
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.45
V
I
FM
= p x I
F(AV)
, T
J
= 25°C, tp = 400µs square wave
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
= 150°C
VV
mA
04
400
500
06
600
700
08
800
900
IRK.91
10
1000
1100
10
12
1200
1300
14
1400
1500
16
1600
1700
Parameter
IRK.91
Units
Conditions
Forward Conduction
KA2s
A
0.79
(16.7% x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ max.
1.78
(16.7% x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ max.
m
V
I
RRM
Max. peak reverse leakage
10
mA
T
J
= 150oC
current
V
INS
RMS isolation voltage
3500 (1 sec)
V
50 Hz, circuit to base, all terminals shorted
Blocking
1.57
(I >
π x I
F(AV)),TJ = TJ max.
0.87
(I >
π x I
F(AV)),TJ = TJ max.
Parameter
IRK.91
Units
Conditions


Similar Part No. - IRKJ91

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKJ91/04A IRF-IRKJ91/04A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKJ91/06A IRF-IRKJ91/06A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKJ91/08A IRF-IRKJ91/08A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKJ91/10A IRF-IRKJ91/10A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKJ91/12A IRF-IRKJ91/12A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
More results

Similar Description - IRKJ91

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKC91 IRF-IRKC91 Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKE56 IRF-IRKE56 Datasheet
173Kb / 9P
   ADD-A-pak GEN V Power Modules
IRK71 IRF-IRK71 Datasheet
244Kb / 10P
   ADD-A-pak GEN V Power Modules
IRK-71 IRF-IRK-71 Datasheet
238Kb / 10P
   ADD - A - pak-TM GEN V Power Modules
IRK2.6 IRF-IRK2.6 Datasheet
155Kb / 8P
   ADD-A-pak-TM GEN V Power Modules
IRKV105 IRF-IRKV105 Datasheet
117Kb / 8P
   ADD-A-pak GEN V Power Modules THYRISTOR/ THYRISTOR
IRKT.71 IRF-IRKT.71 Datasheet
237Kb / 10P
   ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU41 IRF-IRKU41 Datasheet
178Kb / 9P
   ADD-A-pakTM GEN V Power Modules
IRK.26 IRF-IRK.26 Datasheet
150Kb / 8P
   ADD-A-pakTM GEN V Power Modules
IRKU105 IRF-IRKU105 Datasheet
121Kb / 8P
   ADD-A-pakTM GEN V Power Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com