Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKLE240-25S20 Datasheet(PDF) 3 Page - International Rectifier

Part # IRKLE240-25S20
Description  MAGN-A-pak Power Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKLE240-25S20 Datasheet(HTML) 3 Page - International Rectifier

  IRKLE240-25S20 Datasheet HTML 1Page - International Rectifier IRKLE240-25S20 Datasheet HTML 2Page - International Rectifier IRKLE240-25S20 Datasheet HTML 3Page - International Rectifier IRKLE240-25S20 Datasheet HTML 4Page - International Rectifier IRKLE240-25S20 Datasheet HTML 5Page - International Rectifier IRKLE240-25S20 Datasheet HTML 6Page - International Rectifier IRKLE240-25S20 Datasheet HTML 7Page - International Rectifier IRKLE240-25S20 Datasheet HTML 8Page - International Rectifier IRKLE240-25S20 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Bulletin I27094 rev. B 03/01
IRK.L240 Series
www.irf.com
1
2
6
De
vice Code
1
-
Module type
2
-
Circuit configuration (See Outline Table)
3
-
L = Fast recovery diode
4
-
Current rating
5
-
Voltage code: Code x 100 = VRRM (See Voltage Ratings Table)
6
-
trr code (See Recovery Characteristics Table)
Ordering Information Table
Testconditions
Typ. values @ T
J = 150
o
C
Code
I
pk
di/dt
V
r
Q
rr
I
rr
(A)
(A/
µs)
(V)
(
µC)
(A)
S10
500
100
50
135
100
S20
''
"
"
250
145
S30
''
"
"
360
200
Recovery Characteristics
180o
0.008
0.007
K/W
T
J = TJ max.
120o
0.010
0.011
K/W
90o
0.013
0.015
K/W
60o
0.019
0.020
K/W
30o
0.032
0.033
K/W
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
DR Conduction (per Junction)
(The following table shows the increment of thermal resistence R
thJC when devices operate at different conduction angles
than DC)
T
J
Max. junction operating temperature
-40 to 150
o
C
T
stg
Max. storage temperature range
-40 to 150
o
C
R
thJ-C Max. internal thermal resistance
0.125
K/W
Per junction, DC operation
junction to case
R
thC-S Thermal resistance, case
Mounting surface flat, smooth and greased
to heatsink
Per module
T
Mounting torque ±10%
A mounting compound is recommended and the torqshould
MAP to heatsink
4 to 6
Nm
be rechecked after a period of about 3 hours to allow for the
Busbar to MAP
8 to 10
Nm
spread of the compound
wt
Approximate weight
850 (30)
g (oz)
Case style
MAGN-A-pak
0.02
K/W
Thermal and Mechanical Specifications
3
4
5
S10 = 1000 ns
S20 = 2000 ns
S30 = 3000 ns
t
IFM
trr
Qrr
IRM (REC)
di
dt
IRK
D
L
240
-
2
5 S30


Similar Part No. - IRKLE240-25S20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL136-04 IRF-IRKL136-04 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-08 IRF-IRKL136-08 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-12 IRF-IRKL136-12 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-14 IRF-IRKL136-14 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-16 IRF-IRKL136-16 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results

Similar Description - IRKLE240-25S20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK320 IRF-IRK320 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
logo
Vishay Siliconix
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com