Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKC250-24 Datasheet(PDF) 11 Page - International Rectifier

Part # IRKC250-24
Description  MAGN-A-pak Power Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKC250-24 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRKC250-24 Datasheet HTML 3Page - International Rectifier IRKC250-24 Datasheet HTML 4Page - International Rectifier IRKC250-24 Datasheet HTML 5Page - International Rectifier IRKC250-24 Datasheet HTML 6Page - International Rectifier IRKC250-24 Datasheet HTML 7Page - International Rectifier IRKC250-24 Datasheet HTML 8Page - International Rectifier IRKC250-24 Datasheet HTML 9Page - International Rectifier IRKC250-24 Datasheet HTML 10Page - International Rectifier IRKC250-24 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
www.irf.com
IRK.250, .270, .320 Series
Bulletin I27090 rev. C 05/02
Fig. 30 - Maximum Non-Repetitive Surge Current
Fig. 31 - Maximum Non-Repetitive Surge Current
Fig. 32 - Forward Voltage Drop Characteristics
2000
3000
4000
5000
6000
7000
8000
9000
10000
1
10
100
Nu m b e r O f E q u a l Am p litu de Ha lf C yc le C u rre nt Pu lse s (N)
IR K.320 .. Series
Per Ju nctio n
In itial T = 150 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
At A n y Ra te d Lo a d C o n ditio n And W ith
R a ted V
A p p lie d Fo llo w ing Surg e .
RRM
J
2000
3000
4000
5000
6000
7000
8000
9000
10000
0.01
0.1
1
Pu ls e Tra in D u ra tio n (s)
M a xim u m N o n R e p et itiv e Surg e C urre n t
In itia l T
= 15 0 C
N o V o lta ge R ea p p lied
R ated V
R ea p p lied
Versu s Pu lse Train D u ra tio n .
RR M
J
IR K.32 0.. Series
Per Jun ctio n
100
1000
10000
0.51
1.52
2.53
3.54
T = 25 C
J
In sta n ta n e o us F o rw a rd V o ltag e (V )
IR K.32 0.. Series
Per Ju nctio n
T = 1 50 C
J
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
Sq ua re W ave P ulse D ura tio n (s)
IRK.320.. Series
Per Junctio n
Ste ad y State V alue :
R
= 0.45 K /W
(D C O pe ra tio n )
thJ C
Fig. 33 - Thermal Impedeance Z
thJC Characteristics
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 05/02
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.


Similar Part No. - IRKC250-24

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKC236-04 IRF-IRKC236-04 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC236-08 IRF-IRKC236-08 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC236-12 IRF-IRKC236-12 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC236-14 IRF-IRKC236-14 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
IRKC236-16 IRF-IRKC236-16 Datasheet
325Kb / 12P
   STANDARD RECOVERY DIODES
More results

Similar Description - IRKC250-24

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
logo
Vishay Siliconix
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com