Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

XZCPA1141L10 Datasheet(HTML) 4 Page - Schneider Electric

Part No. XZCPA1141L10
Description  pre-wired connectors XZ - straight female - M12 - 4 pins - cable PVC 10m
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

XZCPA1141L10 Datasheet(HTML) 4 Page - Schneider Electric

  XZCPA1141L10 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
4
Product data sheet
Connections and Schema
XZCPA1141L10
Connections and Schemes
Connector
BN : Brown
BK : Black
BU : Blue
WH : White


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn