Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

XZCPA1141L10 Datasheet(HTML) 1 Page - Schneider Electric

Part No. XZCPA1141L10
Description  pre-wired connectors XZ - straight female - M12 - 4 pins - cable PVC 10m
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

XZCPA1141L10 Datasheet(HTML) 1 Page - Schneider Electric

  XZCPA1141L10 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
Jan 5, 2021
1
Product data sheet
Characteristics
XZCPA1141L10
pre-wired connectors XZ - straight female -
M12 - 4 pins - cable PVC 10m
Main
Accessory / separate
part category
Cabling accessory
Accessory / separate
part type
Pre-wired connectors
Series name
Application
Complementary
Electrical connection
Straight female connector M12, 4 pins
Cable connector fixing
Screw-on
Collar material
Stainless steel 316L
Status LED
Without
Cable length
10 m
Cable outer diameter
5.3 mm
Cable composition
4 x 0.34 mm²
Wire insulation material
PVC
[Ue] rated operational voltage
250 V AC
300 V DC
[In] rated current
4 A
Contact resistance
5000 µOhm
Minimum insulating resistance
1 GΩ
Net weight
0.37 kg
Environment
IP degree of protection
IP69K
Ambient air temperature for operation
-25…85 °C static
Ambient air temperature for storage
-35…100 °C
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
418 g
Package 1 Height
4.7 cm
Package 1 width
16.6 cm
Package 1 Length
16.8 cm


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn