Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XZCPA1241L10 Datasheet(PDF) 4 Page - Schneider Electric

Part # XZCPA1241L10
Description  pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 10m
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XZCPA1241L10 Datasheet(HTML) 4 Page - Schneider Electric

  XZCPA1241L10 Datasheet HTML 1Page - Schneider Electric XZCPA1241L10 Datasheet HTML 2Page - Schneider Electric XZCPA1241L10 Datasheet HTML 3Page - Schneider Electric XZCPA1241L10 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Product data sheet
Connections and Schema
XZCPA1241L10
Connections and Schemes
Connector
BN : Brown
BK : Black
BU : Blue
WH : White


Similar Part No. - XZCPA1241L10

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCPA1241L2 SCHNEIDER-XZCPA1241L2 Datasheet
85Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 2m
XZCPA1241L5 SCHNEIDER-XZCPA1241L5 Datasheet
84Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 5m
More results

Similar Description - XZCPA1241L10

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCPV1241L10 SCHNEIDER-XZCPV1241L10 Datasheet
90Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 10m
XZCPV1340L10 SCHNEIDER-XZCPV1340L10 Datasheet
81Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 3 pins - cable PVC 10m
XZCPV1264L10 SCHNEIDER-XZCPV1264L10 Datasheet
91Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PVC 10m
XZCPV12V12L10 SCHNEIDER-XZCPV12V12L10 Datasheet
90Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PVC 10m
XZCPA1164L10 SCHNEIDER-XZCPA1164L10 Datasheet
84Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PVC 10m
XZCP1241L10 SCHNEIDER-XZCP1241L10 Datasheet
102Kb / 4P
   pre-wired connectors XZ - elbowed female M12 - 4 pins - cable PUR 10m
XZCPV1041L10 SCHNEIDER-XZCPV1041L10 Datasheet
122Kb / 4P
   pre-wired connectors XZ - elbowed female - M8 - 4 pins - cable PVC 10m
XZCPA1241L5 SCHNEIDER-XZCPA1241L5 Datasheet
84Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 5m
XZCPA1241L2 SCHNEIDER-XZCPA1241L2 Datasheet
85Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 2m
XZCPV1241L5 SCHNEIDER-XZCPV1241L5 Datasheet
90Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 5m
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com