Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LC1D18E7 Datasheet(HTML) 3 Page - Schneider Electric

Part No. LC1D18E7
Description  TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 48 VAC 50/60 Hz coil
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

LC1D18E7 Datasheet(HTML) 3 Page - Schneider Electric

  LC1D18E7 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
Complementary
Coil technology
Without built-in suppressor module
Control circuit voltage limits
0.3...0.6 Uc (-40…70 °C):drop-out AC 50/60 Hz
0.8...1.1 Uc (-40…60 °C):operational AC 50 Hz
0.85...1.1 Uc (-40…60 °C):operational AC 60 Hz
1...1.1 Uc (60…70 °C):operational AC 50/60 Hz
Inrush power in VA
70 VA 60 Hz cos phi 0.75 (at 20 °C)
70 VA 50 Hz cos phi 0.75 (at 20 °C)
Hold-in power consumption in VA
7.5 VA 60 Hz cos phi 0.3 (at 20 °C)
7 VA 50 Hz cos phi 0.3 (at 20 °C)
Heat dissipation
2…3 W at 50/60 Hz
Auxiliary contacts type
Mechanically linked 1 NO + 1 NC IEC 60947-5-1
Mirror contact 1 NC IEC 60947-4-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA signalling circuit
Minimum switching voltage
17 V signalling circuit
Non-overlap time
1.5 ms on de-energisation between NC and NO contact
1.5 ms on energisation between NC and NO contact
Insulation resistance
> 10 MOhm signalling circuit
Contact compatibility
M2
Compatibility code
LC1D
Motor power range
4…6 kW 200…240 V 3 phase
7…11 kW 380…440 V 3 phase
7…11 kW 480…500 V 3 phase
Motor starter type
Direct on-line contactor
Contactor coil voltage
48 V AC standard
Environment
IP degree of protection
IP20 front face IEC 60529
Protective treatment
TH IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
-40…140 °F (-40…60 °C)
140…158 °F (60…70 °C) with derating
Ambient air temperature for storage
-76…176 °F (-60…80 °C)
Operating altitude
0...9842.52 ft (0...3000 m)
Fire resistance
1562 °F (850 °C) IEC 60695-2-1
Flame retardance
V1 UL 94
Mechanical robustness
Vibrations contactor open2 Gn, 5...300 Hz
Vibrations contactor closed4 Gn, 5...300 Hz
Shocks contactor open: 10 Gn for 11 ms
Shocks contactor closed15 Gn for 11 ms
Height
3.03 in (77 mm)
Width
1.77 in (45 mm)
Depth
3.39 in (86 mm)
Net Weight
0.73 lb(US) (0.33 kg)
Ordering and shipping details
Category
22354 - CTR,TESYS D,OPEN,9-38A AC
Discount Schedule
I12
GTIN
00785901431732
Nbr. of units in pkg.
1
Package weight(Lbs)
0.8 lb(US) (0.36 kg)
Returnability
Yes
Country of origin
ID
3


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn