Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LC1D18E7 Datasheet(HTML) 1 Page - Schneider Electric

Part No. LC1D18E7
Description  TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 48 VAC 50/60 Hz coil
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

LC1D18E7 Datasheet(HTML) 1 Page - Schneider Electric

  LC1D18E7 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
Product data sheet
Characteristics
LC1D18E7
TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480
VAC, nonreversing, 48 VAC 50/60 Hz coil
Product availability : Stock - Normally stocked in distribution facility
Price* : 136.00 USD
Main
Range
TeSys
Product name
TeSys D
Product or component type
Contactor
Device short name
LC1D
Contactor application
Resistive load
Motor control
Utilisation category
AC-4
AC-1
AC-3
Poles description
3P
Power pole contact composition
3 NO
[Ue] rated operational voltage
Power circuit: <= 690 V AC 25...400 Hz
Power circuit <= 300 V DC
[Ie] rated operational current
18 A (at <60 °C) at <= 440 V AC AC-3 for power circuit
32 A (at <60 °C) at <= 440 V AC AC-1 for power circuit
Motor power kW
4 kW 220...230 V AC 50/60 Hz AC-3)
7.5 kW 380...400 V AC 50/60 Hz AC-3)
9 kW 415...440 V AC 50/60 Hz AC-3)
10 kW 500 V AC 50/60 Hz AC-3)
10 kW 660...690 V AC 50/60 Hz AC-3)
4 kW 400 V AC 50/60 Hz AC-4)
Motor power HP (UL / CSA)
1 hp 115 V AC 50/60 Hz 1 phase
3 hp 230/240 V AC 50/60 Hz 1 phase
5 hp 200/208 V AC 50/60 Hz 3 phase
5 hp 230/240 V AC 50/60 Hz 3 phase
10 hp 460/480 V AC 50/60 Hz 3 phase
15 hp 575/600 V AC 50/60 Hz 3 phase
Control circuit type
AC 50/60 Hz
[Uc] control circuit voltage
48 V AC 50/60 Hz
Auxiliary contact composition
1 NO + 1 NC
[Uimp] rated impulse withstand voltage
6 kV conforming to IEC 60947
Overvoltage category
III
[Ith] conventional free air thermal
current
10 A (at 60 °C) for signalling circuit
32 A 140 °F (60 °C) power circuit
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 4, 2021
1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn