Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS6610COTR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SS6610COTR
Description  High Efficiency Syncronous Step-up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS6610COTR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SS6610COTR Datasheet HTML 1Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 2Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6610COTR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.SiliconStandard.com
4 of 16
Rev.2.01 11/06/2003
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
LX Switch On-Time
VFB =1V , VOUT = 3.3V
2
4
7
µs
LX Switch Off-Time
VFB =1V , VOUT = 3.3V
0.6
0.9
1.4
µs
FB Input Current
VFB = 1.4V
0.03
50
nA
LBI Input Current
VLBI = 1.4V
1
50
nA
SHDN Input Current
V SHDN = 0 or VOUT
0.07
50
nA
LBO Low Output Voltage
VLBI = 0, ISINK = 1mA
0.2
0.4
µA
LBO Off Leakage Current
V LBO = 5.5V, VLBI = 5.5V
0.07
1
LBI Hystereisis
50
mV
VIL
0.2VOUT
SHDN Input Voltage
VIH
0.8VOUT
V
Note 1:
Start-up voltage operation is guaranteed without the addition of an external Schottky diode between the
input and output.
Note 2:
Steady-state output current indicates that the device maintains output voltage regulation under load.
Note 3:
Device is bootstrapped (power to the IC comes from OUT). This correlates directly with the actual
battery supply.
SS6610/11


Similar Part No. - SS6610COTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
SS6610GOTR SSC-SS6610GOTR Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
More results

Similar Description - SS6610COTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
E-L6920D STMICROELECTRONICS-E-L6920D Datasheet
234Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
   HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com