Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2016ETI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2016ETI
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016ETI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2016ETI Datasheet HTML 7Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 9Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 10Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 11Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 12Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 13Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 14Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
______________________________________________________________________________________
11
The differential RF inputs allow for the measurement of
broadband signals ranging from low frequency to
2.5GHz. For single-ended signals, RFINA- and RFINB-
are AC-coupled to ground. The RF inputs are internally
biased and need to be AC-coupled. Using 680pF
capacitors, as shown in the Typical Application Circuit,
results in a 10MHz highpass corner frequency. An
internal 50
Ω resistor between RFINA+ and RFINA- (as
well as RFINB+ and RFINB-) produces a good low-fre-
quency to 3.0GHz match.
SETA, SETB, and SETD Inputs
The SET_ inputs are used for loop control when the
device is in controller mode. Likewise, these same
SET_ inputs are used to set the slope of the output sig-
nal (mV/dB) when the MAX2016 is in detector mode.
The center node of the internal resistor-divider is fed to
the negative input of the power detector’s internal out-
put op amp.
Reference
The MAX2016 has an on-chip 2V voltage reference.
The internal reference output is connected to REF. The
output can be used as a reference voltage source for
the comparators or other components and can source
up to 2mA.
OUTA and OUTB
Each OUT_ is a DC voltage proportional to the RF input
power level. The change of OUT_ with respect to the
power input is approximately 18mV/dB (R1 = R2 = 0
Ω).
The input power level can be determined by the follow-
ing equation:
where PINT is the extrapolated intercept point of where
the output voltage intersects the horizontal axis.
OUTD
OUTD is a DC voltage proportional to the difference of
the input RF power levels. The change of the OUTD
with respect to the power difference is 25mV/dB (R3 =
0
Ω). The difference of the input power levels (gain) can
be determined by the following equation:
where VCENTER is the output voltage, typically 1V, when
PRFINA = PRFINB.
Applications Information
Monitoring VSWR and Return Loss
The MAX2016 can be used to measure the VSWR of an
RF signal, which is useful for detecting the presence or
absence of a properly loaded termination, such as an
antenna (see Figure 1). The transmitted wave from the
power amplifier is coupled to RFINA and to the anten-
na. The reflected wave from the antenna is connected
to RFINB through a circulator. When the antenna is
missing or damaged, a mismatch in the nominal load
impedance results, leading to an increase in reflected
power and subsequent change in the transmission
line’s VSWR. This increase in reflected power is mani-
fested by a reduction in the voltage at OUTD. An alarm
condition can be set by using the low comparator out-
put (COUTL) as shown in Figure 1. The comparator
automatically senses the change in VSWR, yielding a
logic 0 as it compares OUTD to a low DC voltage at
CSETL. CSETL, in turn, is set by using the internal refer-
ence voltage and an external resistor-divider network.
Figure 1 illustrates a simple level detector. For window-
detector implementation, see the Comparator/Window
Detector section.
PP
VV
SLOPE
RFINA
RFINB
OUTD
CENTER
=
()
P
V
SLOPE
P
RFIN
OUT
INT
_
_
=+
DESIGNATION
VALUE
DESCRIPTION
C1, C2, C8, C9
680pF
Microwave capacitors (0402)
C3, C6, C10, C13
33pF
Microwave capacitors (0402)
C4, C7, C11, C14
0.1µF
Microwave capacitors (0603)
C5, C12, C15
Not used
Capacitors are optional for frequency compensation
C18
10µF
Tantalum capacitor (C case)
R1, R2, R3
0
Resistors (0402)
0
Resistor (1206) for VS = 2.7V to 3.6V
R6
37.4
±1% resistor (1206) for VS = 4.75V to 5.25V
Table 1. Component Values Used in the Typical Application Circuit


Similar Part No. - MAX2016ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2016ETI MAXIM-MAX2016ETI Datasheet
934Kb / 20P
   LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2016ETI+D MAXIM-MAX2016ETI+D Datasheet
934Kb / 20P
   LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2016ETI+TD MAXIM-MAX2016ETI+TD Datasheet
934Kb / 20P
   LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2016ETI-T MAXIM-MAX2016ETI-T Datasheet
934Kb / 20P
   LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
More results

Similar Description - MAX2016ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2016 MAXIM-MAX2016_06 Datasheet
934Kb / 20P
   LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
logo
Analog Devices
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
   Logarithmic Detector/Controller
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
   Logarithmic Detector/Controller
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
   LOGARITHMIC DETECTOR / CONTROLLER
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
   0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com