Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5231-3GDP5 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS5231-3GDP5
Description  500 mA, 3.3 V Linear Regulator with Auxiliary Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5231-3GDP5 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS5231-3GDP5 Datasheet HTML 6Page - ON Semiconductor CS5231-3GDP5 Datasheet HTML 7Page - ON Semiconductor CS5231-3GDP5 Datasheet HTML 8Page - ON Semiconductor CS5231-3GDP5 Datasheet HTML 9Page - ON Semiconductor CS5231-3GDP5 Datasheet HTML 10Page - ON Semiconductor CS5231-3GDP5 Datasheet HTML 11Page - ON Semiconductor CS5231-3GDP5 Datasheet HTML 12Page - ON Semiconductor CS5231-3GDP5 Datasheet HTML 13Page - ON Semiconductor CS5231-3GDP5 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CS5231−3
http://onsemi.com
10
First, we determine the need for heatsinking. If we assume
the maximum
qJA = 50 °C/W for the D2PAK, the maximum
temperature rise is found to be
DT + PD
qJA + 1.018 W
50
°C W + 50.9°C
This is less than the maximum specified operating
junction temperature of 125
°C, and no heatsinking is
required. Since the D2PAK has a large tab, mounting this
part to the PC board by soldering both tab and leads will
provide superior performance with no PC board area
penalty.
TYPICAL FUSED SOIC−8 DESIGN
We first determine the need for a heat sink for the SOIC−8
package at a load of 500 mA. Using the dissipation from the
D2PAK example of 1018 mW and the
qJA of the SOIC−8
package of 110
°C/W gives a temperature rise of 112°C.
Adding this to an ambient temperature of 70
°C gives 182°C
junction temperature. This is an excessive temperature rise
but it can be reduced by adding additional cooling in the
form of added surface area of copper on the PCB. Using the
relationship of maximum temperature rise of
DTJA + TJ(MAX) * TA + 150°C * 70°C + 80°C
We calculate the thermal resistance allowed from junction
to air:
qJA(worst case) + DTJA PD + 80°C 1.018 W + 79.6°C W
The thermal resistance from the die to the leads (case) is
25
°C/W. Subtracting these two numbers gives the allowable
thermal resistance from case to ambient:
qCA + qJA * qJC + 79.6°C W * 25°C W + 54.6°C W
The thermal resistance of this copper area will be
54.6
°C/W. We now look at Figure 20 and find the PCB trace
area that will be less than 54.5
°C/W. Examination shows that
750 mm2 of copper will provide cooling for this part. This
would be the SOIC−8 part with the center 4 ground leads
soldered to pads in the center of a copper area about 27 mm
× 27 mm. A lower dissipation or the addition of air−flow
could result in a smaller required surface area.
DESCRIPTION
The CS5231−3 application circuit has been implemented
as shown in the following pages. The schematic, bill of
materials and printed circuit board artwork can be used to
build the circuit. The design is very simple and consists of
two capacitors, a p−channel FET and the CS5231−3. Five
turret pins are provided for connection of supplies, meters,
oscilloscope probes and loads. The CS5231−3 power supply
management solution is implemented in an area less than 1.5
square inches. Due to the simplicity of the design, output
current must be derated if the CS5231−3 is operated at VIN
voltages greater than 7.0 V. Figure 21 provides the derating
curve on a maximum power dissipation if heatsink is added.
Operating at higher power dissipation without CS5231−3
heatsink may result in a thermal shutdown condition.
Figure 21. Demo Board Output Current
Derating vs. VIN
VIN (Volts)
5
6
500
600
400
300
200
100
0
78
9
10
11
12
13
14
The VIN Connection
The VIN connection is denoted as such on the PC board.
The maximum input voltage to the IC is 14 V before damage
to the IC is possible. However, the specification range for the
IC is 4.75 V < VIN < 6.0 V.
The GND Connection
The GND connection ties the IC power return to two turret
pins. The extra turret pin provides for connection of multiple
instrument grounds to the demonstration board.
The AuxDrv Connection
The AuxDrv lead of the CS5231−3 is connected to the gate
of the external PFET. This connection is also brought to a
turret pin to allow easy connection of an oscilloscope probe
for viewing the AuxDrv waveforms.
The VAUX Connection
The VAUX turret pin provides a connection point between
an external 3.3 V supply and the PFET drain.
The VOUT Connection
The VOUT connection is tied to the VOUT lead of the
CS5231−3 and the PFET source. This point provides a
convenient point at which some type of lead may be applied.
Figure 22. Application Circuit Schematic
TP5
TP6
AuxDrv
TP1
TP2
TP3
TP4
VAUX
+3.3 V
C2
Q1
U1
VOUT
VIN
GND
AuxDrv
CS5231−3
VIN
GND
C1


Similar Part No. - CS5231-3GDP5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5231-3GDP5 CHERRY-CS5231-3GDP5 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
More results

Similar Description - CS5231-3GDP5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5233-3 ONSEMI-CS5233-3 Datasheet
88Kb / 12P
   500 mA and 1.5 A, 3.3 V Dual Input Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 6
NCP5500 ONSEMI-NCP5500 Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
logo
ON Semiconductor
CS9202 ONSEMI-CS9202_06 Datasheet
69Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
June, 2006 ??Rev. 14
CS9202 ONSEMI-CS9202 Datasheet
61Kb / 6P
   Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
May, 2004 ??Rev. 12
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TLV766-Q1 TI-TLV766-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TLV766-Q1 500-mA, 16-V Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com