Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFG5616Q1A-PEB5 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # KFG5616Q1A-PEB5
Description  OneNAND Specification FLASH MEMORY
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG5616Q1A-PEB5 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KFG5616Q1A-PEB5 Datasheet HTML 5Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 6Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 7Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 8Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 9Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 10Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 11Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 12Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 113 page
background image
OneNAND256(KFG5616x1A-xxB5)
FLASH MEMORY
9
B (capital letter)
Byte, 8bits
W (capital letter)
Word, 16bits
b (lower-case letter)
Bit
ECC
Error Correction Code
Calculated ECC
ECC that has been calculated during a load or program access
Written ECC
ECC that has been stored as data in the NAND Flash array or in the BufferRAM
BufferRAM
On-chip internal buffer consisting of BootRAM and DataRAM
BootRAM
A 1KB portion of the BufferRAM reserved for Boot Code buffering
DataRAM
A 2KB portion of the BufferRAM reserved for Data buffering
Sector
Part of a Page of which 512B is the main data area and 16B is the spare data area.
It is also the minimum Load/Program/Copy-Back Program unit
during a 1~2 sector operation is available.
Data unit
Possible data unit to be read from memory to BufferRAM or to be programmed to memory.
- 528B of which 512B is in main area and 16B in spare area
- 1056B of which 1024B is in main area and 32B in spare area
2.2
Definitions


Similar Part No. - KFG5616Q1A-PEB5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KFG5616Q1A-PEB6 SAMSUNG-KFG5616Q1A-PEB6 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
More results

Similar Description - KFG5616Q1A-PEB5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KFG5616Q1A-DEB6 SAMSUNG-KFG5616Q1A-DEB6 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
KFG2816Q1M SAMSUNG-KFG2816Q1M Datasheet
1Mb / 87P
   OneNAND SPECIFICATION
logo
Microchip Technology
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com