Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFG5616Q1A-PEB5 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # KFG5616Q1A-PEB5
Description  OneNAND Specification FLASH MEMORY
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG5616Q1A-PEB5 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KFG5616Q1A-PEB5 Datasheet HTML 6Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 7Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 8Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 9Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 10Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 11Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 12Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 13Page - Samsung semiconductor KFG5616Q1A-PEB5 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 113 page
background image
OneNAND256(KFG5616x1A-xxB5)
FLASH MEMORY
10
2.3.1
48TSOP1
2.3
Pin Configuration
(TOP VIEW, Facing Down)
TSOP1 OneNAND Chip
48pin, 12mm x 20mm, 0.5mm pitch TSOP1
48-pin TSOP1
Standard Type
12mm x 20mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
N.C
A15
A14
A13
A12
A11
A10
A9
A8
WE
VSS
VCC
INT
AVD
RP
A7
A6
A5
A4
A3
A2
A1
A0
N.C
VSS
OE
DQ15
DQ7
DQ14
DQ6
VSS
DQ13
DQ5
DQ12
DQ4
DQ11
DQ3
DQ10
DQ2
VCCQ
DQ9
DQ1
DQ8
DQ0
RDY
CLK
CE
VCC
0.5mm pitch


Similar Part No. - KFG5616Q1A-PEB5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KFG5616Q1A-PEB6 SAMSUNG-KFG5616Q1A-PEB6 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
More results

Similar Description - KFG5616Q1A-PEB5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KFG5616Q1A-DEB6 SAMSUNG-KFG5616Q1A-DEB6 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
KFG2816Q1M SAMSUNG-KFG2816Q1M Datasheet
1Mb / 87P
   OneNAND SPECIFICATION
logo
Microchip Technology
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com