Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG1020EJ Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG1020EJ
Description  10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG1020EJ Datasheet(HTML) 6 Page - NXP Semiconductors

  PMEG1020EJ Datasheet HTML 1Page - NXP Semiconductors PMEG1020EJ Datasheet HTML 2Page - NXP Semiconductors PMEG1020EJ Datasheet HTML 3Page - NXP Semiconductors PMEG1020EJ Datasheet HTML 4Page - NXP Semiconductors PMEG1020EJ Datasheet HTML 5Page - NXP Semiconductors PMEG1020EJ Datasheet HTML 6Page - NXP Semiconductors PMEG1020EJ Datasheet HTML 7Page - NXP Semiconductors PMEG1020EJ Datasheet HTML 8Page - NXP Semiconductors PMEG1020EJ Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
9397 750 14929
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 14 April 2005
6 of 9
Philips Semiconductors
PMEG1020EH; PMEG1020EJ
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
10. Soldering
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 6.
Reflow soldering footprint SOD123F
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 7.
Reflow soldering footprint SOD323F (SC-90)
1.6
1.6
2.9
4
4.4
1.1 1.2
2.1
1.1
(2
×)
solder lands
solder resist
occupied area
solder paste
001aab169
1.65
0.50
(2
×)
2.10
1.60
2.80
0.60
3.05
0.50
0.95
solder lands
solder resist
occupied area
solder paste


Similar Part No. - PMEG1020EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1020EJ PHILIPS-PMEG1020EJ Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMEG1020EJ NXP-PMEG1020EJ Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
logo
Nexperia B.V. All right...
PMEG1020EJ NEXPERIA-PMEG1020EJ Datasheet
179Kb / 8P
   10 V, 2 A ultra low VF Schottky barrier rectifier
22 December 2022
More results

Similar Description - PMEG1020EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1020EH NXP-PMEG1020EH Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1020EH PHILIPS-PMEG1020EH_15 Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1030EJ115 PHILIPS-PMEG1030EJ115 Datasheet
101Kb / 10P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1030EH NXP-PMEG1030EH_10 Datasheet
113Kb / 9P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1030EH PHILIPS-PMEG1030EH_15 Datasheet
113Kb / 9P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
logo
Nexperia B.V. All right...
PMEG3020EH NEXPERIA-PMEG3020EH Datasheet
685Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04 - 4 February 2010
logo
NXP Semiconductors
PMEG3020EJ PHILIPS-PMEG3020EJ Datasheet
58Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-31 May 2005
PMEG3020EH NXP-PMEG3020EH Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
PMEG3020EH PHILIPS-PMEG3020EH_15 Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
PMEG3015EH NXP-PMEG3015EH_10 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com