Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR-09-H022 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPEAR-09-H022
Description  SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-H022 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPEAR-09-H022 Datasheet HTML 5Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 6Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 7Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 8Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 9Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 10Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 11Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 12Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
SPEAR-09-H022
3 Features
9/55
3
Features
3.1
CPU
ARM926EJ-S RISC Processor
fMAX 266 MHz (downward scalable)
Virtual address support with MMU
32 KB instruction CACHE (4 way set associative)
16 KB data CACHE (4 way set associative)
8 KB instruction TCM
8 KB data TCM
Coprocessor interface
JTAG
ETM9 (rev 2.2), large size FIFO
3.2
INTERNAL BUS STRUCTURES
Multilayer structure AMBA 2.0 compliant
fMAX 133 MHz
High speed I/Os with embedded DMA function
3.3
CLOCK SYSTEM
Programmable clock generator
PLL with E.M.I. reduction
Low Jitter PLL for USB 2.0
3.4
INTERRUPT CONTROLLER
IRQ and FIQ interrupt generations
Support up to 32 standard interrupts
Support up to 16 vectored interrupts
Software interrupt generation
3.5
MEMORY SYSTEM
MEMORY ON CHIP
16 KBytes single-port SRAM connected to eASIC MacroCell.
It can be used on AHB Bus or directly by the custom logic.


Similar Part No. - SPEAR-09-H022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022_06 Datasheet
930Kb / 71P
   SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
More results

Similar Description - SPEAR-09-H022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022_06 Datasheet
930Kb / 71P
   SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
SPEAR-09-H042 STMICROELECTRONICS-SPEAR-09-H042 Datasheet
155Kb / 16P
   SPEAr??Head200, ARM 926, 200 K customizable eASIC??gates, large IP portfolio SoC
SPEAR-09-B042 STMICROELECTRONICS-SPEAR-09-B042 Datasheet
921Kb / 66P
   SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
UM0851 STMICROELECTRONICS-UM0851 Datasheet
3Mb / 245P
   SPEAr is a family of highly customizable ARM-based embedded
logo
List of Unclassifed Man...
CXT32SI10 ETC2-CXT32SI10 Datasheet
352Kb / 7P
   Embedded Serial-IP SOC
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
   Full-HD IP Camera SoC
HI3518E HISILICON-HI3518E Datasheet
434Kb / 2P
   Hi3518E 720p IP-Cam SOC
HI3516D HISILICON-HI3516D Datasheet
201Kb / 7P
   Hi3516D Professional HD IP Camera SoC
2014-12-22
HI3519A HISILICON-HI3519A Datasheet
260Kb / 11P
   V100 4K Smart IP Camera SoC
logo
STMicroelectronics
SPEAR-09-H122 STMICROELECTRONICS-SPEAR-09-H122_08 Datasheet
327Kb / 40P
   SPEAr??Head600
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com