Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F033 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 4 Page - Texas Instruments

  TMS28F033 Datasheet HTML 1Page - Texas Instruments TMS28F033 Datasheet HTML 2Page - Texas Instruments TMS28F033 Datasheet HTML 3Page - Texas Instruments TMS28F033 Datasheet HTML 4Page - Texas Instruments TMS28F033 Datasheet HTML 5Page - Texas Instruments TMS28F033 Datasheet HTML 6Page - Texas Instruments TMS28F033 Datasheet HTML 7Page - Texas Instruments TMS28F033 Datasheet HTML 8Page - Texas Instruments TMS28F033 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
TMS28F033
4194304-BIT
SYNCHRONOUS FLASH MEMORY
SMJS833 – NOVEMBER 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Terminal Functions
TERMINAL
DESCRIPTION
NAME
TYPE†
DESCRIPTION
A–1
I
Word select address. A–1 is the low-order address for the 16-bit data bus, and selects between the high and low word.
A–1 is not used for the 32-bit data bus.
A0 – A16
I
Address bus. A0 – A16 select one of the 131 072 32-bit segments (double-words), or, with A–1, selects one of the
262 144 16-bit segments (words). A0 is the low-order address for the 32-bit data bus.
DQ0 – DQ31
I/O
Data bus. Bidirectional data bus, where for both 16-bit and 32-bit data bus widths, DQ31 is the most significant bit
(MSB) and DQ0 is the least significant bit (LSB). The 16-bit data bus uses DQ0 – DQ7 and DQ24 – DQ31.
LBA
I
Load-burst address. For synchronous operation, when LBA = VIL on a rising CLK edge, the address is latched for the
beginning of a read or write operation.
BAA
I
Burst-address advance. When BAA = VIL, the burst state machine increments the burst address for each required
data beat on the rising CLK edge. For BAA usage, see Table 8 and Table 9.
RP
I
Reset/power-down. When RP = VIL, the device terminates any current-state-machine activity and does not respond
to read requests and does not accept write commands. On the rising edge of RP, the device sets/clears the OBEB
status register bit (SB1) based on the status of VPP. WhenVPPwVPPH,OBEBisset;ifVPPvVPPL,OBEBiscleared
(see Table 3).
E
I
Chip enable. When E = VIL, the device is enabled for read or write operations. When E = VIH, the device is in standby
mode. E is an asynchronous signal. For E usage, see Table 8 and Table 9.
OE
I
Output enable. OE is used for read operations and can be either synchronous or asynchronous (see Table 8 and
Table 9). For synchronous OE, when OE = VIL on a rising CLK edge, the output data is latched and becomes valid
prior to the next rising CLK edge. OE = VIH during write operations.
LBO
I
Linear-burst order. When LBO= VIL, the address counter is set for linear burst. When LBO = VIH, the address counter
is set for interleaved burst. For LBO usage, see Table 9 and Table 12.
WR
I
Write. WR is a synchronous signal that controls the read and write operations. If WR = VIL when the address is latched
(LBA = VIL), then the cycle is a write cycle . If WR = VIH when the address is latched, then the cycle is a read cycle.
WE
I
Write enable. WE is used for write/erase operations and can be either synchronous or asynchronous (see Table 8
and Table 9). For synchronous WE usage, with the first occurrence of WE = VIL (after the address is latched with LBA
and WR = VIL) on a rising CLK edge, the input data/command is latched. For asynchronous writes, the data and
address are latched on the WE rising edge.
WORD
I
Word enable. WORD is used for selection of the data bus width. When WORD = VIL, the device has a 16-bit data bus,
and data is input or output on DQ0 – DQ7 and DQ24 – DQ31, and address A–1 selects between the high and low word.
When WORD = VIH, the device has a 32-bit data bus and turns off the A–1 input buffer. For WORD usage, see Table 8
and Table 9.
DIS
I
Disable output. When DIS = VIL, the synchronous OE, DQ’s, and QV signals are disabled. DIS functions as an
additional synchronous output enable (opposite in logic to OE). For DIS usage, see Table 8 and Table 9.
LRV
I
Low regulator voltage. When LRV = VIL during a write/erase operation, the LRVS status register bit (SB4) is set
(see Table 7). LRV is an asynchronous signal. For LRV usage, see Table 8 and Table 9.
QV
OD
O
Data valid. QV is used for read operations. QV = VIL when output data is valid on the data bus for either a single or
burst-read operation. When QV = VIH, there is no valid data on the data bus. For QV usage, see Table 8 and Table 9.
RY/BY
OD
O
Ready/busy. RY/BY indicates the status of the WSM. When RY/BY = VIL, the WSM is currently active performing an
operation. When RY/BY = VIH, the WSM is ready for a new operation. For RY/BY usage, see Table 8 and Table 9.
CLK
I
Clock. Signals on both the address and data buses are transmitted and received relative to this system clock. All
synchronous inputs must meet setup and hold times relative to the rising CLK edge.
3/5IO
I
3.3/5.0 I/O select. 3/5IO is used to select the external power supply, VDDE, as either 3.3 V or 5 V. Set 3/5IO = VIH for
VDDE = 3.3 V operation, and set 3/5IO = VIL for VDDE = 5 V operation. For 3/5IO usage, see Table 8 and Table 9.
† I = input, O = output, OD = open drain, S = power supply


Similar Part No. - TMS28F033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F002AEB TI1-TMS28F002AEB Datasheet
1Mb / 79P
[Old version datasheet]   AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AET TI-TMS28F002AET Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFB TI-TMS28F002AFB Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFT TI-TMS28F002AFT Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFT70BDCDL TI-TMS28F002AFT70BDCDL Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Hitachi Semiconductor
HM5117400B HITACHI-HM5117400B Datasheet
259Kb / 25P
   4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
logo
Mitsubishi Electric Sem...
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
logo
Mitsubishi Electric Sem...
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
logo
Macronix International
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
   1G-bit NAND Flash Memory
logo
ACE Technology Co., LTD...
ACE25C512 ACE-ACE25C512 Datasheet
1Mb / 34P
   512K-BIT Serial Flash Memory
VER 1.2
logo
Sanyo Semicon Device
LE25FU206 SANYO-LE25FU206 Datasheet
144Kb / 21P
   2M-bit Serial Flash Memory
logo
Catalyst Semiconductor
CAT28F512 CATALYST-CAT28F512 Datasheet
97Kb / 14P
   512K-Bit CMOS Flash Memory
CAT28F512 CATALYST-CAT28F512_04 Datasheet
428Kb / 15P
   512K-Bit CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com