Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F033-25BPAFL Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS28F033-25BPAFL
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033-25BPAFL Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS28F033-25BPAFL Datasheet HTML 7Page - Texas Instruments TMS28F033-25BPAFL Datasheet HTML 8Page - Texas Instruments TMS28F033-25BPAFL Datasheet HTML 9Page - Texas Instruments TMS28F033-25BPAFL Datasheet HTML 10Page - Texas Instruments TMS28F033-25BPAFL Datasheet HTML 11Page - Texas Instruments TMS28F033-25BPAFL Datasheet HTML 12Page - Texas Instruments TMS28F033-25BPAFL Datasheet HTML 13Page - Texas Instruments TMS28F033-25BPAFL Datasheet HTML 14Page - Texas Instruments TMS28F033-25BPAFL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
TMS28F033
4194304-BIT
SYNCHRONOUS FLASH MEMORY
SMJS833 – NOVEMBER 1997
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
status register (continued)
Table 7. Status-Register Bit Definitions and Functions
STATUS
BIT
FUNCTION
DATA
COMMENTS
SB7
Write-State-Machine (WSM)
Status
1 = Ready
0 = Busy
If SB7 = 0 (busy), the WSM has not completed an
erase or programming operation. If SB7 = 1
(ready), other operations can be performed.
SB6
Reserved
0
SB5
(DCR4 = 0)
Operation Status
(OS)
1 = Commands/operations not
successful
0 = Commands/operations
successful
The WSM sets the OS bit high (SB5 = 1) after an
illegal command has been issued, an error has
occurred while erasing a block, or as the result of
an error while programming a word. If all past
operations have completed successfully, then the
OS bit remains low (SB5 = 0); however, the WSM
cannot clear this bit.
SB5
(DCR4 = 1)
Erase Status
(ES)
1 = Block-erase error
0 = Block-erase good
SB5 = 0 indicates that a block-erase has been
successful. SB5 = 1 indicates that an erase error
has occurred. In this case, the WSM has
completed the maximum erase pulses determined
by the internal algorithm, but this was insufficient
to completely erase the device.
SB4
(DCR4 = 0)
Low Regulator Voltage
Status (LRVS)
1 = LRV asserted
0 = LRV not asserted
The LRVS bit is set high (SB4 = 1) when the LRV
input is asserted during an erase or program
command. The clear-status-register command
clears the LRVS bit (SB4 = 0).
SB4
(DCR4 = 1)
Program Status
(PS)
1 = Program error
0 = Program good
SB4 = 0 indicates successful programming has
occurred at the addressed location. SB4 = 1
indicates that the WSM was unable to correctly
program the addressed location.
SB3
VPP Status
(VPPS)
1 = Program abort:
VPP range error
0= VPP good
SB3 provides information on the status of VPP
during programming and erasing. If VPP is lower
than VPPL after a program or erase command has
been issued, SB3 is set to a 1 to indicate that the
operation is aborted.
SB2
Low-Power Mode
(LPM)
1 = Byte-program
0 = Word-program
When the LPM bit is set high (SB2 = 1), the WSM
programs each word in byte increments. When the
LPM bit is low (SB2 = 0), the WSM programs in
word (x32 or x16) increments.
SB1
Overlay-Block-Enable Bit
(OBEB)
1 = Overlay block can be
enabled
0 = Overlay block disabled
When the OBEB bit, which is VPP-independent, is
set (SB1 = 1), the overlay block can be enabled for
reads. When the OBEB bit is low (SB1 = 0), the
overlay block is disabled for reads.
SB0
Overlay-Block Status
(OBS)
1 = Overlay block enabled
0 = Overlay block disabled
When the OBS bit, with VPP ≥ VPPH, is set
(SB0 = 1), the overlay block is enabled for reads.
When the OBS bit is cleared (SB0 = 0), the overlay
block is disabled for reads.
device configuration register (DCR)
The DCR is a user-loaded register that determines many of the device functions (see Table 8). Sixteen
configurable bits (DCR0 – DCR7 and DCR24 – DCR31 with DCR26 – 27 reserved) can be set by using the
load-DCR CSM command (96h) (see Table 5). The current value of the DCR can be read with CSM command
90h, provided A1 is set to VIH and A0 is set to VIL (see Table 6).


Similar Part No. - TMS28F033-25BPAFL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F002AEB TI1-TMS28F002AEB Datasheet
1Mb / 79P
[Old version datasheet]   AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AET TI-TMS28F002AET Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFB TI-TMS28F002AFB Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFT TI-TMS28F002AFT Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFT70BDCDL TI-TMS28F002AFT70BDCDL Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F033-25BPAFL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Hitachi Semiconductor
HM5117400B HITACHI-HM5117400B Datasheet
259Kb / 25P
   4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
logo
Mitsubishi Electric Sem...
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
logo
Mitsubishi Electric Sem...
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
logo
Macronix International
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
   1G-bit NAND Flash Memory
logo
ACE Technology Co., LTD...
ACE25C512 ACE-ACE25C512 Datasheet
1Mb / 34P
   512K-BIT Serial Flash Memory
VER 1.2
logo
Sanyo Semicon Device
LE25FU206 SANYO-LE25FU206 Datasheet
144Kb / 21P
   2M-bit Serial Flash Memory
logo
Catalyst Semiconductor
CAT28F512 CATALYST-CAT28F512 Datasheet
97Kb / 14P
   512K-Bit CMOS Flash Memory
CAT28F512 CATALYST-CAT28F512_04 Datasheet
428Kb / 15P
   512K-Bit CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com