Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VXA4-3B1 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VXA4-3B1
Description  Microprocessor Crystals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VXA4-3B1 Datasheet(HTML) 1 Page - Vectron International, Inc

  VXA4-3B1 Datasheet HTML 1Page - Vectron International, Inc VXA4-3B1 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VXA4 Microprocessor Crystals
The VXA4 series of HC-49/U packaged crystals offers the most
popular crystal package for computer and peripherals'
applications. Our type "A" package (HC-49/U) offers the highest
level of quality at the most economical price.
Vite's standard crystal tolerance (Option "B" under stability vs.
temperature) is ±50 PPM -20°C to +70°C relative to the load
capacitance at +25°C. All VXA crystals will operate -40°C to +85° C.
The "B" stability of ±50 PPM is an absolute guarantee but the
typical crystal is better than ±30 PPM 0°C to +70°C and better than
±75 PPM from -40°C to +85°C.
Package Options
A4 = HC-49/US 3.6 mm tall
3.5 MHz to 100.00 MHz
See Standard Frequency Table
1 = Fundamental (3.5 to 40 MHz)
3 = 3
rd Overtone (20 to 100 MHz)
A = ±100 PPM -20°C to +70°C
B = ±50 PPM -20°C to +70°C
C = ±100 PPM -40°C to +85°C
D = ±50 PPM -40°C to +85°C
F = ±30 PPM -20°C to +70°C
0 = Series Resonant
1 = 16 pF
2 = 20 pF
3 = 32 pF
4 = 18 pF
5 = 10 pF
6 = 30 pF
±25 PPM at +25°C
Tolerances to ±10 PPM are available
See ESR Table II
7
pf
Maximum
10 to 2,000 uW
<5 ppm/1
st year
Bagged
VXA4-1B2-20M000
A4 = HC/49US package 3.6 mm tall
1 = Fundamental Mode
B = ±50 PPM -20°C to +70°C
2 = 20 pF load
Generate your own part number!
We welcome your custom requests and will issue a custom part
number for items that are not listed.
Frequency Range
Standard Frequencies
Mode
Stability Options
Load Capacitance
STD Calibration
Tolerance
Equivalent Series
Resistance
Shunt Capacitance
Drive Level Crystal
Aging Standard
Packaging Typical P/N
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com


Similar Part No. - VXA4-3B1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXA1 VECTRON-VXA1 Datasheet
52Kb / 2P
   crystals offers the most popular crystal package for computer and peripherals
VXA7 VECTRON-VXA7 Datasheet
42Kb / 2P
   VXA7 Microprocessor Crystals
More results

Similar Description - VXA4-3B1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXM7 VECTRON-VXM7 Datasheet
91Kb / 4P
   Microprocessor Crystals
VXB1 VECTRON-VXB1 Datasheet
130Kb / 2P
   Microprocessor Crystals
VXB1 VECTRON-VXB1_08 Datasheet
113Kb / 4P
   Microprocessor Crystals
VXB2 VECTRON-VXB2 Datasheet
68Kb / 2P
   VXB2 Microprocessor Crystals
VXA7 VECTRON-VXA7 Datasheet
42Kb / 2P
   VXA7 Microprocessor Crystals
logo
List of Unclassifed Man...
HC49UP ETC2-HC49UP Datasheet
44Kb / 1P
   MICROPROCESSOR CRYSTALS / RESISTANCE WELD
BA32C3 ETC2-BA32C3 Datasheet
39Kb / 1P
   HC-49/US Microprocessor Crystals
logo
Caliber Electronics Inc...
BA32C1 CALIBER-BA32C1 Datasheet
44Kb / 1P
   HC-49/US Microprocessor Crystals
logo
Abracon Corporation
ABSM2 ABRACON-ABSM2 Datasheet
102Kb / 1P
   MICROPROCESSOR CRYSTALS MOLDED PLASTIC SURFACE MOUNT
logo
List of Unclassifed Man...
CA32C3 ETC2-CA32C3 Datasheet
36Kb / 1P
   HC-49/US SMD Microprocessor Crystals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com