Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HUA36A Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-HUA36A
Description  ULTRA CHIP LED LAMPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-HUA36A Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-HUA36A Datasheet HTML 1Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.Specifications are subject to change without notice.
4.Condition for IFp is pulse of 1/10 duty and 0.1msec width.
2.Tolerance is 0.10(.004") unless otherwise specified.
1.All dimensions are in millimeters(inches).
NOTE:
BL-HXXX6A (0603) Series
Absolute Maximum Ratings(Ta=25 )
UNIT
SPEC.
IF
mA
30
IFp
mA
100
VR
V5
IR
uA
100
Top
-25~+80
Tstg
-30~+85
Chip
Electro-optical Data (At 20mA)
Vf(V)
Iv(mcd)
Part No.
Material
Emitted
Color
p
(nm)
(nm)
Lens
Appearance
Typ.
Max.
Min.
Typ.
Viewing
Angle
2 1/2
(deg) 5
BL-HUA36A
AlGaInP
Ultra Red
645
22
2.1
2.6
6.5
20.0
BL-HUB36A
AlGaInP
Ultra Red
645
22
2.1
2.6
10.0
30.0
BL-HU236A
AlGaInP
Ultra Red
645
22
2.0
2.6
12.0
35.0
BL-HGA36A
AlGaInP
Ultra Green
574
15
2.1
2.6
8.0
25.0
BL-HG336A
AlGaInP
Ultra Green
574
15
2.0
2.6
13.0
40.0
BL-HG536A
AlGaInP
Ultra Green
574
15
2.0
2.6
8.0
25.0
BL-HG436A
InGaN
Ultra Green
502
30
3.5
4.0
21.0
65.0
BL-HG636A
InGaN
Ultra Green
523
36
3.5
4.0
21.0
65.0
BL-HKB36A
AlGaInP
Ultra Yellow
588
15
2.1
2.6
15.0
45.0
BL-HKD36A
AlGaInP
Ultra Yellow
595
15
2.1
2.6
15.0
45.0
BL-HK036A
AlGaInP
Ultra Yellow
588
15
2.0
2.6
20.0
60.0
BL-HJB36A
AlGaInP
Ultra Orange
620
17
2.1
2.6
18.0
55.0
BL-HJD36A
AlGaInP
Ultra Orange
630
17
2.1
2.6
18.0
55.0
BL-HJF36A
AlGaInP
Sof t Orange
610
17
2.1
2.6
16.0
50.0
BL-HJ036A
AlGaInP
Ultra Orange
620
17
Water Clear
2.0
2.6
21.0
65.0
120
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BL-HUA36A

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-HUB32X AMERICANBRIGHT-BL-HUB32X Datasheet
406Kb / 8P
   Top Emitting SMT LED Components
Ver1.0
BL-HUB33-AV-TRB AMERICANBRIGHT-BL-HUB33-AV-TRB Datasheet
264Kb / 8P
   Top Emitting SMT LED Components
Ver.1.0
logo
BRIGHT LED ELECTRONICS ...
BL-HUB33-TRB BRIGHT-BL-HUB33-TRB Datasheet
256Kb / 6P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
logo
American Bright OPTOELE...
BL-HUB33-TRB AMERICANBRIGHT-BL-HUB33-TRB Datasheet
230Kb / 7P
   Top Emitting SMT LED Components
Ver.2.0
logo
BRIGHT LED ELECTRONICS ...
BL-HUB33-TRE BRIGHT-BL-HUB33-TRE Datasheet
229Kb / 8P
   Automotive: Dashboards, stop lamps, turn signals.
More results

Similar Description - BL-HUA36A

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
LA-304V2CA-2A-01 YSTONE-LA-304V2CA-2A-01 Datasheet
187Kb / 1P
   ULTRA LED LAMPS
logo
Purdy Electronics Corpo...
AND190HBB PURDY-AND190HBB Datasheet
57Kb / 2P
   Ultra Bright LED Lamps
AND191CRP PURDY-AND191CRP Datasheet
106Kb / 2P
   Ultra Bright LED Lamps
AND262HBB PURDY-AND262HBB Datasheet
60Kb / 2P
   Ultra Bright LED Lamps
AND262YAP PURDY-AND262YAP Datasheet
56Kb / 2P
   Ultra Bright LED Lamps
AND262GCP PURDY-AND262GCP Datasheet
46Kb / 2P
   Ultra Bright LED Lamps
AND157HSP PURDY-AND157HSP Datasheet
77Kb / 2P
   Ultra Bright LED Lamps
AND180HRP PURDY-AND180HRP Datasheet
61Kb / 2P
   Ultra Bright LED Lamps
AND183HGP PURDY-AND183HGP Datasheet
25Kb / 2P
   Ultra Bright LED Lamps
AND190HAP PURDY-AND190HAP Datasheet
49Kb / 2P
   Ultra Bright LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com