Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V70840 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72V70840
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70840 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72V70840 Datasheet HTML 3Page - Integrated Device Technology IDT72V70840 Datasheet HTML 4Page - Integrated Device Technology IDT72V70840 Datasheet HTML 5Page - Integrated Device Technology IDT72V70840 Datasheet HTML 6Page - Integrated Device Technology IDT72V70840 Datasheet HTML 7Page - Integrated Device Technology IDT72V70840 Datasheet HTML 8Page - Integrated Device Technology IDT72V70840 Datasheet HTML 9Page - Integrated Device Technology IDT72V70840 Datasheet HTML 10Page - Integrated Device Technology IDT72V70840 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
COMMERCIALTEMPERATURERANGE
IDT72V70840 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 4,096 x 4,096
TABLE 4 — INTERNAL REGISTER AND ADDRESS MEMORY MAPPING
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
R/W
Location
1
1
STA4
STA3
STA2
STA1
STA0
CH6
CH5
CH4
CH3
CH2
CH1
CH0
R
Data Memory
1
0
STA4
STA3
STA2
STA1
STA0
CH6
CH5
CH4
CH3
CH2
CH1
CH0
R/W
Connect. Memory
0
1
0
0
0
0
x
x
x
x
x
x
x
x
R/W
Control Register
0
1
0
0
0
1
x
x
x
x
x
x
x
x
R/W
Frame Align Register
0
1
0
0
1
0
x
x
x
x
x
x
x
x
R/W
FOR0
0
1
0
0
1
1
x
x
x
x
x
x
x
x
R/W
FOR1
0
1
0
1
0
0
x
x
x
x
x
x
x
x
R/W
FOR2
0
1
0
1
0
1
x
x
x
x
x
x
x
x
R/W
FOR3
0
1
0
1
1
0
x
x
x
x
x
x
x
x
R/W
FOR4
0
1
0
1
1
1
x
x
x
x
x
x
x
x
R/W
FOR5
0
1
1
0
0
0
x
x
x
x
x
x
x
x
R/W
FOR6
0
1
1
0
0
1
x
x
x
x
x
x
x
x
R/W
FOR7
OE bit in Connection
ODE pin
OSB bit in CR
TX Stream Output
Memory
Register
Status
0
Don’t Care
Don’t Care
Per Channel
High-Impedance
1
0
0
High-Impedance
1
0
1
Enable
1
1
0
Enable
1
1
1
Enable
TABLE 3 — OUTPUT HIGH IMPEDANCE CONTROL
TABLE 1 — CONSTANT THROUGHPUT
DELAY VALUE
Delay for Constant Throughput Delay Mode
Input Rate
(m – output channel number)
(n – input channel number)
2.048 Mb/s
32 + (32 – n) +m time-slots
4.096 Mb/s
64 + (64 – n) +m time-slots
8.192 Mb/s
128 + (128 – n) +m time-slots
TABLE 2 — VARIABLE THROUGHPUT DELAY VALUE
Delay for Variable Throughput Delay Mode
Input Rate
(m – output channel number; n – input channel number)
m < n
m = n, n+1, n+2
m > n+2
2.048 Mb/s
32 – (n-m) time-slots
(m-n + 32) time-slots
(m-n)time-slots
4.096 Mb/s
64 – (n-m) time-slots
(m-n + 64) time-slots
(m-n)time-slots
8.192 Mb/s
128 – (n-m) time-slots
(m-n + 128) time-slots
(m-n)time-slots


Similar Part No. - IDT72V70840

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70840DABLACK IDT-IDT72V70840DABLACK Datasheet
163Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
IDT72V70840DAGBLACK IDT-IDT72V70840DAGBLACK Datasheet
163Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
IDT72V70840 IDT-IDT72V70840_08 Datasheet
163Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
More results

Similar Description - IDT72V70840

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V70840 IDT-IDT72V70840_08 Datasheet
163Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
IDT72V8980 IDT-IDT72V8980 Datasheet
110Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V71660 IDT-IDT72V71660 Datasheet
233Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
logo
Renesas Technology Corp
IDT72V8980 RENESAS-IDT72V8980 Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com