Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3693L10PF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V3693L10PF
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3693L10PF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V3693L10PF Datasheet HTML 4Page - Integrated Device Technology IDT72V3693L10PF Datasheet HTML 5Page - Integrated Device Technology IDT72V3693L10PF Datasheet HTML 6Page - Integrated Device Technology IDT72V3693L10PF Datasheet HTML 7Page - Integrated Device Technology IDT72V3693L10PF Datasheet HTML 8Page - Integrated Device Technology IDT72V3693L10PF Datasheet HTML 9Page - Integrated Device Technology IDT72V3693L10PF Datasheet HTML 10Page - Integrated Device Technology IDT72V3693L10PF Datasheet HTML 11Page - Integrated Device Technology IDT72V3693L10PF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT72V3683/72V3693/72V36103 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 16,384 x 36, 32,768 x 36 and 65,536 x 36
IDT72V3683L10
IDT72V3683L15
IDT72V3693L10
IDT72V3693L15
IDT72V36103L10 IDT72V36103L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fS
Clock Frequency, CLKA or CLKB
100
66.7
MHz
tCLK
Clock Cycle Time, CLKA or CLKB
10
15
ns
tCLKH
Pulse Duration, CLKA or CLKB HIGH
4.5
6
ns
tCLKL
Pulse Duration, CLKA and CLKB LOW
4.5
6
ns
tDS
Setup Time, A0-A35 before CLKA
↑ and B0-B35 before CLKB↑
3—
4
ns
tENS1
Setup Time,
CSAand W/RAbefore CLKA
↑; CSBand W/RB before CLKB↑
4
4.5
ns
tENS2
Setup Time, ENA, and MBA before CLKA
↑; ENB and MBB before CLKB↑
3
4.5
ns
tRSTS
Setup Time,
RS1or PRSLOW before CLKA
↑ or CLKB↑(1)
5—
5
ns
tFSS
Setup Time, FS0, FS1 and FS2 before
RS1 HIGH
7.5
7.5
ns
tBES
Setup Time, BE/
FWFT before RS1 HIGH
7.5
7.5
ns
tSDS
Setup Time, FS0/SD before CLKA
3—
4
ns
tSENS
Setup Time, FS1/
SENbeforeCLKA
3—
4
ns
tFWS
Setup Time, FWFT before CLKA
0—
0
ns
tDH
Hold Time, A0-A35 after CLKA
↑ and B0-B35 after CLKB↑
0.5
1
ns
tRTMS
Setup Time, RTM before
RT1; RTM before RT2
5—
5
ns
tENH
Hold Time,
CSA, W/RA, ENA, and MBA after CLKA
↑; CSB, W/RB, ENB, and MBB
0.5
1
ns
afterCLKB
tRSTH
Hold Time,
RS1 or PRS LOW after CLKA
↑ or CLKB↑(1)
4—
4
ns
tFSH
Hold Time, FS0, FS1 and FS2 after
RS1 HIGH
2
2
ns
tBEH
Hold Time, BE/
FWFT after RS1 HIGH
2
2
ns
tSDH
Hold Time, FS0/SD after CLKA
0.5
1
ns
tSENH
Hold Time, FS1/
SENHIGH after CLKA
0.5
1
ns
tSPH
Hold Time, FS1/
SEN HIGH after RS1 HIGH
2
2
ns
tRTMH
Hold Time, RTM after
RT1; RTM after RT2
5—
5
ns
tSKEW1(2)
Skew Time between CLKA
↑ and CLKB↑ for EF/OR and FF/IR
5
7.5
ns
tSKEW2(2,3)
Skew Time between CLKA
↑ and CLKB↑ for AE and AF
12
12
ns
TIMING REQUIREMENTS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE
NOTES:
1. Requirement to count the clock edge as one of at least four needed to reset a FIFO.
2. Skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship between CLKA cycle and CLKB cycle.
3. Design simulated, not tested.
(Vcc = 3.3V ± 0.15V; TA = 0ο C to +70ο C; JEDEC JESD8-A compliant)


Similar Part No. - IDT72V3693L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3690 IDT-IDT72V3690 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
logo
Renesas Technology Corp
IDT72V3690 RENESAS-IDT72V3690 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3690L10PF IDT-IDT72V3690L10PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3690L15PF IDT-IDT72V3690L15PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3690L75PF IDT-IDT72V3690L75PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results

Similar Description - IDT72V3693L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com