Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1102C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 5Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 9Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 10Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 11Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 12Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 129 page
background image
Pin Description
4
PRELIMINARY V1.8
TABLE 1.
Pin Description
P2.0
27
I/O
I/O 2
Latched bi-directional I/O
P2.1
28
I/O
I/O 2
Latched bi-directional I/O
P2.2
29
I/O
I/O 2
Latched bi-directional I/O
P2.3
30
I/O
I/O 2
Latched bi-directional I/O
P2.4
31
I/O
I/O 2
Latched bi-directional I/O
P2.5
32
I/O
I/O 2
Latched bi-directional I/O
P2.6
33
I/O
I/O 2
Latched bi-directional I/O
P2.7
34
I/O
I/O 2
Latched bi-directional I/O
AVSS
35
AVss
Analog Ground
AVDD
36
AVdd
Analog Supply Voltage
P0.0
37
I/O
I/O 2
Latched bi-directional I/O
P0.1
38
I/O
I/O 2
Latched bi-directional I/O
P0.2
39
I/O
I/O 2
Latched bi-directional I/O
P0.3
40
I/O
I/O 2
Latched bi-directional I/O
P0.4
41
I/O
I/O 2
Latched bi-directional I/O
P0.5
42
I/O
I/O 2
Latched bi-directional I/O
P0.6
43
I/O
I/O 2
Latched bi-directional I/O
P0.7
44
I/O
I/O 2
Latched bi-directional I/O
P1.0
45
I/O
I/O 2
Latched bi-directional I/O
P1.1
46
I/O
I/O 2
Latched bi-directional I/O
P1.2
47
I/O
I/O 2
Latched bi-directional I/O
P1.3
48
I/O
I/O 2
Latched bi-directional I/O
P1.4
49
LBD
I/O 2
Low battery detect
P1.5
50
SPIO
I/O 2
Serial Out
P1.6
51
SPIIN
I/O 2
Serial In
P1.7
52
SPICLK
I/O 2
Serial Clock
Port
Pin #
Pin Name
I/O Type
Functions


Similar Part No. - SS1102C

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS1102 SECELECTRONICS-SS1102 Datasheet
199Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS1102 SECELECTRONICS-SS1102 Datasheet
276Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS11021LSOT SECELECTRONICS-SS11021LSOT Datasheet
199Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS11021LSOT SECELECTRONICS-SS11021LSOT Datasheet
276Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
SS11021LSOT SECELECTRONICS-SS11021LSOT Datasheet
284Kb / 7P
   Unipolar Hall Switch-Low Sensitivity
More results

Similar Description - SS1102C

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
   Spread-Spectrum Transceiver
logo
List of Unclassifed Man...
XE900S ETC1-XE900S Datasheet
70Kb / 16P
   Smart Spread Spectrum Transceiver
logo
RF Micro Devices
RF2948B RFMD-RF2948B Datasheet
413Kb / 18P
   2.4GHz SPREAD-SPECTRUM TRANSCEIVER
RF2958 RFMD-RF2958 Datasheet
235Kb / 20P
   2.4GHz SPREAD-SPECTRUM TRANSCEIVER
logo
List of Unclassifed Man...
XE900SL10 ETC1-XE900SL10 Datasheet
72Kb / 16P
   Miniature Spread Spectrum Transceiver
logo
RF Micro Devices
RF2938 RFMD-RF2938 Datasheet
528Kb / 20P
   2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
logo
Synaptics Incorporated.
RF109 CONEXANT-RF109 Datasheet
100Kb / 12P
   2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
logo
ATMEL Corporation
AT48802 ATMEL-AT48802 Datasheet
218Kb / 23P
   Spread- Spectrum Signal Processor Integrated Circuit
logo
Murata Manufacturing Co...
DNT900 MURATA-DNT900 Datasheet
1Mb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
RF Monolithics, Inc
DNT90CA RFM-DNT90CA Datasheet
192Kb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com