Electronic Components Datasheet Search |
|
GS881Z36BD-333 Datasheet(PDF) 32 Page - GSI Technology |
|
GS881Z36BD-333 Datasheet(HTML) 32 Page - GSI Technology |
32 / 39 page GS881Z18B(T/D)/GS881Z32B(T/D)/GS881Z36B(T/D) Rev: 1.04 10/2004 32/39 © 2002, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. JTAG Port Timing Diagram JTAG Port Recommended Operating Conditions and DC Characteristics Parameter Symbol Min. Max. Unit Notes 3.3 V Test Port Input High Voltage VIHJ3 2.0 VDD3 +0.3 V1 3.3 V Test Port Input Low Voltage VILJ3 –0.3 0.8 V 1 2.5 V Test Port Input High Voltage VIHJ2 0.6 * VDD2 VDD2 +0.3 V1 2.5 V Test Port Input Low Voltage VILJ2 –0.3 0.3 * VDD2 V1 TMS, TCK and TDI Input Leakage Current IINHJ –300 1 uA 2 TMS, TCK and TDI Input Leakage Current IINLJ –1 100 uA 3 TDO Output Leakage Current IOLJ –11 uA 4 Test Port Output High Voltage VOHJ 1.7 — V5, 6 Test Port Output Low Voltage VOLJ — 0.4 V 5, 7 Test Port Output CMOS High VOHJC VDDQ – 100 mV — V5, 8 Test Port Output CMOS Low VOLJC — 100 mV V 5, 9 Notes: 1. Input Under/overshoot voltage must be –2 V > Vi < VDDn +2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tTKC. 2. VILJ ≤ VIN ≤ VDDn 3. 0 V ≤ VIN ≤ VILJn 4. Output Disable, VOUT = 0 to VDDn 5. The TDO output driver is served by the VDDQ supply. 6. IOHJ = –4 mA 7. IOLJ = + 4 mA 8. IOHJC = –100 uA 9. IOHJC = +100 uA tTH tTS tTKQ tTH tTS tTH tTS tTKL tTKL tTKH tTKH tTKC tTKC TCK TDI TMS TDO Parallel SRAM input |
Similar Part No. - GS881Z36BD-333 |
|
Similar Description - GS881Z36BD-333 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |