Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS881Z36BD-150I Datasheet(PDF) 23 Page - GSI Technology

Part # GS881Z36BD-150I
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881Z36BD-150I Datasheet(HTML) 23 Page - GSI Technology

Back Button GS881Z36BD-150I Datasheet HTML 19Page - GSI Technology GS881Z36BD-150I Datasheet HTML 20Page - GSI Technology GS881Z36BD-150I Datasheet HTML 21Page - GSI Technology GS881Z36BD-150I Datasheet HTML 22Page - GSI Technology GS881Z36BD-150I Datasheet HTML 23Page - GSI Technology GS881Z36BD-150I Datasheet HTML 24Page - GSI Technology GS881Z36BD-150I Datasheet HTML 25Page - GSI Technology GS881Z36BD-150I Datasheet HTML 26Page - GSI Technology GS881Z36BD-150I Datasheet HTML 27Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
GS881Z18B(T/D)/GS881Z32B(T/D)/GS881Z36B(T/D)
Rev: 1.04 10/2004
23/39
© 2002, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Notes:
1. These parameters are sampled and are not 100% tested.
2. ZZ is an asynchronous signal. However, in order to be recognized on any given clock cycle, ZZ must meet the specified setup and hold
times as specified above.
AC Electrical Characteristics
Parameter
Symbol
-333
-300
-250
-200
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Pipeline
Clock Cycle Time
tKC
3.0
3.3
4.0
5.0
6.7
ns
Clock to Output Valid
tKQ
2.5
2.5
2.5
3.0
3.8
ns
Clock to Output Invalid
tKQX
1.5
1.5
1.5
1.5
1.5
ns
Clock to Output in Low-Z
tLZ1
1.5
1.5
1.5
1.5
1.5
ns
Setup time
tS
1.0
1.0
1.2
1.4
1.5
ns
Hold time
tH
0.1
0.1
0.2
0.4
0.5
ns
Flow
Through
Clock Cycle Time
tKC
4.5
5.0
5.5
6.5
7.5
ns
Clock to Output Valid
tKQ
4.5
5.0
5.5
6.5
7.5
ns
Clock to Output Invalid
tKQX
2.0
2.0
2.0
2.0
2.0
ns
Clock to Output in Low-Z
tLZ1
2.0
2.0
2.0
2.0
2.0
ns
Setup time
tS
1.3
1.4
1.5
1.5
1.5
ns
Hold time
tH
0.3
0.4
0.5
0.5
0.5
ns
Clock HIGH Time
tKH
1.0
1.0
1.3
1.3
1.5
ns
Clock LOW Time
tKL
1.2
1.2
1.5
1.5
1.7
ns
Clock to Output in
High-Z
tHZ1
1.5
2.5
1.5
2.5
1.5
2.5
1.5
3.0
1.5
3.0
ns
G to Output Valid
tOE
2.5
2.5
2.5
3.0
3.8
ns
G to output in Low-Z
tOLZ1
0
0
0
0
0
ns
G to output in High-Z
tOHZ1
2.5
2.5
2.5
3.0
3.8
ns
ZZ setup time
tZZS2
5
5
5
5
5
ns
ZZ hold time
tZZH2
1
1
1
1
1
ns
ZZ recovery
tZZR
20
20
20
20
20
ns


Similar Part No. - GS881Z36BD-150I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z36BD-150IV GSI-GS881Z36BD-150IV Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS881Z36BD-150I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882ZV18BB GSI-GS882ZV18BB Datasheet
881Kb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BT GSI-GS880Z18BT Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18AT GSI-GS881Z18AT Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18BT-V GSI-GS881Z18BT-V Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB GSI-GS882Z18AB Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18AT-133 GSI-GS880Z18AT-133 Datasheet
753Kb / 25P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com